Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CUS250M Datasheet(PDF) 2 Page - TDK Electronics

No. de pieza CUS250M
Descripción Electrónicos  2 x 4” 250W AC-DC Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

CUS250M Datasheet(HTML) 2 Page - TDK Electronics

  CUS250M Datasheet HTML 1Page - TDK Electronics CUS250M Datasheet HTML 2Page - TDK Electronics CUS250M Datasheet HTML 3Page - TDK Electronics CUS250M Datasheet HTML 4Page - TDK Electronics CUS250M Datasheet HTML 5Page - TDK Electronics CUS250M Datasheet HTML 6Page - TDK Electronics CUS250M Datasheet HTML 7Page - TDK Electronics CUS250M Datasheet HTML 8Page - TDK Electronics CUS250M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CUS250M Series
2
Specifications
Model
CUS250M
Input
Input Voltage range
Vac
85 - 264 (3)
Input Frequency
Hz
47 - 63 (4)
Input Current (100Vac)
A
3.2
Inrush Current at 230Vac (Cold Start)
A
<75.Note:theinrushI2tissignificantlybelowtheratingoftheinternal5Afastactingfuse,oranexternalcircuitbreaker
Leakage Current
uA
<150 at 264Vac 63Hz
Touch Current (Enclosure Leakage)
uA
Class I: <10, Class II: <70, at 264Vac 63Hz
Power Factor (115/230Vac)
-
>0.9 / >0.7 (>20% load)
Harmonic Compliance
-
Meets IEC61000-3-2 ClassA
No Load Power Consumption
W
<0.5 (230Vac) when output is inhibited
Hold Up Time
ms
>14
Efficiency
%
Up to 94
Average Efficiency
%
>91 Measured at 25%, 50%, 75% and 100% load conditions
Conducted & Radiated EMI
-
EN55032 / EN55011-B (See application notes for conditions)
Immunity
-
Compliant with EN60601-1-2:2015 (Edition 4), see immunity table
Insulation Class
-
Construction suitable for Class I or Class II installation
Safety Certifications and Markings
-
IEC/ES/EN60601-1, IEC/UL/EN62368-1, 60950-1.
Compliant to IEC/EN60335-1 and IEC/EN61010-1, CE Mark and UKCA Mark
Notes:
(3) Derate output power linearly to 225W load from 100 to 90Vac input and to 200W from 90 to 85Vac input
(4) For operation at 440Hz please consult Technical Sales.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com