Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IM523-L6A Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza IM523-L6A
Descripción Electrónicos  CIPOS™ Mini IM523
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM523-L6A Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IM523-L6A Datasheet HTML 3Page - Infineon Technologies AG IM523-L6A Datasheet HTML 4Page - Infineon Technologies AG IM523-L6A Datasheet HTML 5Page - Infineon Technologies AG IM523-L6A Datasheet HTML 6Page - Infineon Technologies AG IM523-L6A Datasheet HTML 7Page - Infineon Technologies AG IM523-L6A Datasheet HTML 8Page - Infineon Technologies AG IM523-L6A Datasheet HTML 9Page - Infineon Technologies AG IM523-L6A Datasheet HTML 10Page - Infineon Technologies AG IM523-L6A Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Datasheet
7 of 22
V 2.0
2022-04-26
CIPOS™ Mini IM523
IM523-L6A
Pin Description
VDD, VSS (Low-side control supply and reference,
Pin 13, 16)
VDD is the control supply and it provides power both
to input logic and to output stage. Input logic is
referenced to VSS ground.
The undervoltage circuit enables the device to
operate at power on when a supply voltage of at
least a typical voltage of VDDUV+ = 12.4 V is present.
The gate driver shuts down all the outputs, when
the VDD supply voltage is below VDDUV- = 11.5 V. This
prevents the IGBTs from critically low gate voltage
levels during on-state and therefore from excessive
power dissipation.
VB(U, V, W) and VS(U, V, W) (High-side supplies,
Pin 1 - 6)
VB to VS is the high-side supply voltage. The high-
side circuit can float with respect to VSS following
the high-side IGBT emitter voltage.
Due to the low power consumption, the floating
driver stage is supplied by integrated bootstrap
circuit.
The undervoltage detection operates with a rising
supply threshold of typical VBSUV+ = 11.5 V and a
falling threshold of VBSUV- = 10.7 V.
VS(U, V, W) provide a high robustness against
negative voltage in respect of VSS of -50 V transiently.
This ensures very stable designs even under harsh
conditions.
NW, NV, NU (Low-side emitter, Pin 17 - 19)
The low-side emitters are available for current
measurement of each phase leg. It is recommended
to keep the connection to pin VSS as short as
possible to avoid unnecessary inductive voltage
drops.
W, V, U (High-side emitter and low-side collector,
Pin 20 - 22)
These pins are connected to motor U, V, W input
pins
P (Positive bus input voltage, Pin 23)
The high-side IGBTs are connected to the bus
voltage. It is noted that the bus voltage does not
exceed 450 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com