Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

048RML Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza 048RML
Descripción Electrónicos  Aluminum Electrolytic Capacitors Radial Miniature Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

048RML Datasheet(HTML) 3 Page - Vishay Siliconix

  048RML Datasheet HTML 1Page - Vishay Siliconix 048RML Datasheet HTML 2Page - Vishay Siliconix 048RML Datasheet HTML 3Page - Vishay Siliconix 048RML Datasheet HTML 4Page - Vishay Siliconix 048RML Datasheet HTML 5Page - Vishay Siliconix 048RML Datasheet HTML 6Page - Vishay Siliconix 048RML Datasheet HTML 7Page - Vishay Siliconix 048RML Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
048 RML
www.vishay.com
Vishay BCcomponents
Revision: 28-Feb-17
3
Document Number: 28318
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 048 series
2200 μF / 16 V; ± 20 %
Nominal case size: Ø 12.5 mm x 25 mm; Form TFA
Ordering code: MAL204835222E3
Former 12NC: 2222 048 35222
Table 2
Note
(1) Determines the applicable row in the table “Multiplier of Ripple Current (IR) as a Function of Frequency”
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 105 °C
IL1
Max. leakage current after 1 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
DIMENSIONS
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL1
1 min
(μA)
tan
100 Hz
Z
100 kHz
(m
)
FREQ.
CODE (1)
ORDERING NUMBER MAL2048.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
6.3
6800
16 x 25
1350
430
0.32
56
MF1
53682E3
63682E3
33682E3
10 000
16 x 35
1700
630
0.40
42
MF1
53103E3
63103E3
-
10
1000
10 x 16
470
100
0.19
180
MF1
54102E3
64102E3
34102E3
2200
12.5 x 20
800
220
0.21
90
MF1
54222E3
64222E3
34222E3
3300
12.5 x 25
1000
330
0.23
68
MF1
54332E3
64332E3
34332E3
4700
16 x 25
1270
470
0.25
56
MF1
54472E3
64472E3
34472E3
6800
16 x 31
1550
680
0.29
45
MF1
54682E3
64682E3
34682E3
10 000
18 x 35
1870
1000
0.37
36
MF1
54103E3
64103E3
-
16
470
10 x 12
360
78
0.16
250
MF1
55471E3
65471E3
35471E3
1000
10 x 20
600
160
0.16
140
MF1
55102E3
65102E3
35102E3
2200
12.5 x 25
1000
360
0.18
70
MF1
55222E3
65222E3
35222E3
3300
16 x 25
1220
530
0.20
56
MF1
55332E3
65332E3
35332E3
4700
16 x 31
1500
760
0.22
45
MF1
55472E3
65472E3
35472E3
6800
16 x 35
1690
1100
0.26
42
MF1
55682E3
65682E3
-
10 000
18 x 35
1980
1600
0.34
34
MF1
55103E3
65103E3
-
25
470
10 x 16
440
120
0.14
180
MF1
56471E3
66471E3
36471E3
1000
12.5 x 20
720
250
0.14
100
MF1
56102E3
66102E3
36102E3
2200
16 x 25
1120
550
0.16
56
MF1
56222E3
66222E3
36222E3
3300
16 x 31
1450
830
0.18
45
MF1
56332E3
66332E3
36332E3
4700
18 x 35
1720
1200
0.20
36
MF1
56472E3
66472E3
-
35
220
10 x 12
310
80
0.12
280
MF2
50221E3
60221E3
30221E3
470
10 x 20
500
170
0.12
150
MF2
50471E3
60471E3
30471E3
1000
12.5 x 25
900
350
0.12
75
MF2
50102E3
60102E3
30102E3
2200
16 x 31
1340
770
0.14
45
MF2
50222E3
60222E3
30222E3
3300
18 x 35
1600
1200
0.16
36
MF2
50332E3
60332E3
-
4700
18 x 35
1950
1600
0.18
34
MF2
50472E3
60472E3
-
40
2200
16 x 35
1500
880
0.13
45
MF2
57222E3
67222E3
-
3300
18 x 35
1600
1300
0.15
36
MF2
57332E3
67332E3
-
50
220
10 x 16
340
110
0.10
250
MF3
51221E3
61221E3
31221E3
470
12.5 x 20
620
240
0.10
110
MF3
51471E3
61471E3
31471E3
1000
16 x 25
1030
500
0.10
60
MF3
51102E3
61102E3
31102E3
2200
18 x 35
1500
1100
0.12
50
MF3
51222E3
61222E3
-
3300
18 x 35
1900
1700
0.14
40
MF3
51332E3
61332E3
-
63
100
10 x 12
240
66
0.09
310
MF3
58101E3
68101E3
38101E3
220
10 x 20
400
140
0.09
200
MF3
58221E3
68221E3
38221E3
330
12.5 x 20
550
210
0.09
120
MF3
58331E3
68331E3
38331E3
470
12.5 x 25
700
300
0.09
80
MF3
58471E3
68471E3
38471E3
1000
16 x 31
1150
630
0.09
49
MF3
58102E3
68102E3
38102E3
2200
18 x 35
1600
1400
0.11
45
MF3
58222E3
68222E3
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com