Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IM523-S6A Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza IM523-S6A
Descripción Electrónicos  CIPOS™ Mini IM523
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM523-S6A Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IM523-S6A Datasheet HTML 2Page - Infineon Technologies AG IM523-S6A Datasheet HTML 3Page - Infineon Technologies AG IM523-S6A Datasheet HTML 4Page - Infineon Technologies AG IM523-S6A Datasheet HTML 5Page - Infineon Technologies AG IM523-S6A Datasheet HTML 6Page - Infineon Technologies AG IM523-S6A Datasheet HTML 7Page - Infineon Technologies AG IM523-S6A Datasheet HTML 8Page - Infineon Technologies AG IM523-S6A Datasheet HTML 9Page - Infineon Technologies AG IM523-S6A Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Datasheet
6 of 22
V 2.0
2022-05-03
CIPOS™ Mini IM523
IM523-S6A
Pin Description
2.2
Pin Description
HIN(U, V, W) and LIN(U, V, W) (Low-side and high-
side control pins, Pin 7 - 12)
These pins are positive logic and they are
responsible for the control of the integrated IGBTs.
The Schmitt-trigger input thresholds of them are
such to guarantee LSTTL and CMOS compatibility
down to 3.3 V controller outputs. A pull-down
resistor of about 5 kΩ is internally provided to pre-
bias input during supply start-up, and a zener
clamp is provided to protect the pin. Negative
pulses down to an absolute minimum of -5.5 V are
allowed that offers an outstanding robustness.
Input Schmitt-trigger and noise filter provide noise
rejection to short input pulses.
The noise filter suppresses control pulses shoter
than the filter time tFIL,IN. The Figure 4 describes how
the filter works. An input pulse-width shorter than 1
µs is not recommended.
IM523
INPUT NOISE
FILTER
 k
5
Schmitt-Trigger
SWITCH LEVEL
VIH; VIL
VSS
HINx
LINx
VDD
Figure 3
Input pin structure
HIN
LIN
HO
LO
low
high
tFIL,IN
tFIL,IN
a)
b)
HIN
LIN
HO
LO
Figure 4
Input filter timing diagram
The integrated gate driver additionally provides a
shoot-through prevention capability that avoids
the simultaneous on-states of the same leg. When
both inputs of the same leg are activated, only
formerly activated one is remained activated so
that the leg is kept steadily in a safe state.
A minimum deadtime insertion of typically 360 ns is
also provided by driver, in order to reduce cross-
conduction of the IGBTs.
VFO (Fault-output and NTC, Pin 14)
The VFO pin indicates a module failure in case of
under voltage at pin VDD or in case of triggered
overcurrent detection at ITRIP. An external pull-up
resistor is required.
VFO
VSS
VDD
1
RON,FLT
From ITRIP - Latch
From UV detection
IM523
Thermistor
Figure 5
Internal circuit at pin VFO
The sleep function is activated after each trigger of
ITRIP or undervoltage lockout. A new edge input
signal is mandatory to activate gate drives after
fault-clear time as shown in Figure 10.
ITRIP (Overcurrent detection function, Pin 15)
The IM523 product family provides an overcurrent
detection function by connecting the ITRIP input
with the IGBT current feedback. The ITRIP
comparator threshold (typ. 0.525 V) is referenced to
VSS. An input noise filter (tITRIP = typ. 530 ns) prevents
the driver to detect false overcurrent events.
Overcurrent detection generates a shutdown of
outputs of the gate driver. Fast track shutdown
function allows low-side outputs to be turned off
faster than high side outputs about 200 ns.
The fault-clear time is set to minimum 100 µs.
19
NU
U-phase low-side emitter
20
W
Motor W-phase output
21
V
Motor V-phase output
22
U
Motor U-phase output
23
P
Positive bus input voltage
24
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com