Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX3940 Datasheet(PDF) 4 Page - Maxim Integrated Products

No. de pieza MAX3940
Descripción Electrónicos  10Gbps EAM Driver with Integrated Bias Network
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3940 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3940 Datasheet HTML 1Page - Maxim Integrated Products MAX3940 Datasheet HTML 2Page - Maxim Integrated Products MAX3940 Datasheet HTML 3Page - Maxim Integrated Products MAX3940 Datasheet HTML 4Page - Maxim Integrated Products MAX3940 Datasheet HTML 5Page - Maxim Integrated Products MAX3940 Datasheet HTML 6Page - Maxim Integrated Products MAX3940 Datasheet HTML 7Page - Maxim Integrated Products MAX3940 Datasheet HTML 8Page - Maxim Integrated Products MAX3940 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
10Gbps EAM Driver with Integrated
Bias Network
4
_______________________________________________________________________________________
Figure 1. Definition of Single-Ended Input Voltage Range
100mV
100mV
800mV
1.0V
0V
-0.5V
-1.0V
0.4V
0V
-0.4V
(a) DC-COUPLED SINGLE-ENDED CML INPUT
(b) AC-COUPLED SINGLE-ENDED (CML OR PECL) INPUT
Figure 2. Modulating BIASSET and MODSET pads
0V
VOUT
VBIASSET
(a) MODULATING BIASSET
0V
VOUT
(c) RESULT OF MODULATING BIASSET
AND MODSET 180
° OUT OF PHASE
POUT
(d) RESULTING OPTICAL OUTPUT
0V
VOUT mW
VMODSET
(b) MODULATING MODSET
NOTE: ALL AMPLITUDES ARE RELATIVE
Test Circuits and Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com