Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

YF201C2CF07N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza YF201C2CF07N
Descripción Electrónicos  4 Tumbler Miniature Switchlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

YF201C2CF07N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  YF201C2CF07N Datasheet HTML 1Page - List of Unclassifed Manufacturers YF201C2CF07N Datasheet HTML 2Page - List of Unclassifed Manufacturers YF201C2CF07N Datasheet HTML 3Page - List of Unclassifed Manufacturers YF201C2CF07N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
YF00132C203NQ
TERM. NOS. MOLDED
ON HOUSING
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or
28 V DC; 2 AMPS @ 250 V AC (UL / CSA). See page H-14 for
additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 milliohms typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 1,000 V RMS min. @ sea level.
INDEXING: 45
_ -3 pos. max. Models with common terminal,
45
_ -3 pos. max. 90_ -2 pos. max.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Materials
LOCK: Zinc alloy with stainless steel facing. 4 tumbler,
single bitted lock with integral detent mechanism.
KEYS: Two nickel plated brass keys with code number.
SWITCH HOUSING: 6/6 Nylon (UL 94V-2).
CONTACTS & TERMINALS: Q contact material: Copper, silver plated.
See page H-14 for additional contact materials.
MOUNTING NUT: Brass, bright zinc plated.
TERMINAL SEAL: Epoxy.
SWITCHLOCK WITH STANDARD OPTIONS
SWITCH AND LOCK FUNCTION
Terminal numbers molded
on bottom of housing.
TERMINAL NUMBERS
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
SP
NOTE: For panel mounting information, see page H-14.
YF Series
4 Tumbler Miniature Switchlocks
H
H-12
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
PART NUMBER
NO. POLES
INDEXING
YF00132C203NQ
SP
45
_
SINGLE & DOUBLE POLE SWITCHES
O
O
CONNECTED TERMINALS
OC
NO.
POLES
MODEL
NO.
POS. 1
POS. 2
POS. 3
KEY PULL
POSITIONS
LOCK
CONFIGURATION
INDEXING
SP
DP
YF0013
YF2013
8-1
8-1, 4-5
1-2
1-2, 5-6
2-3
2-3, 6-7
Position 1
2
3
POS. 1
SP
DP
YF001C
YF201C
8-1
8-1, 4-5
1-2
1-2, 5-6
2-3
2-3, 6-7
Position 3
POS. 1
2
3
45
°
SP
DP
YF001U
YF201U
8-1
8-1, 4-5
1-2
1-2, 5-6
2-3
2-3, 6-7
Positions 1 & 3
POS. 1
2
3
SP
DP
YF0113
YF2113
8-1
8-1, 4-5
1-3
1-3, 5-7
Position 1
2
POS. 1
SP
DP
YF011C
YF211C
8-1
8-1, 4-5
1-3
1-3, 5-7
Position 2
POS. 1
2
90
°
SP
DP
YF011U
YF211U
8-1
8-1, 4-5
1-3
1-3, 5-7
Positions 1 & 2
POS. 1
2
Rev. A 8/99



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com