| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
101SHT100CS1LE Datasheet(PDF) 27 Page - Exxelia Group |
|
|
|||||||||||||||||||||||||||||
101SHT100CS1LE Datasheet(HTML) 27 Page - Exxelia Group |
|
27 / 34 page ![]() CERAMIC CAPACITORS 9 info@exxelia.com www.exxelia.com Page revised 06/20 General characteristics Ceramic Capacitors Technology MANUFACTURING STEPS SLIP CASTING ELECTRODE SCREEN PRINTING STACKING A slurry, a mix of ceramic powder, binder and solvents, is poured onto conveyor belt inside a drying oven, resulting in a dry ceramic sheet. The electrode ink, made from a metal powder mixed with solvents, is printed onto the ceramic sheets using a screen printing process. The sheets with electrode printed are stacked to create a multilayer structure. TERMINATIONS SINTERING PRESSING Each terminal of the capacitor is dipped in the termination ink, mix of metal powder, solvents and glass frit and the parts are fired in an oven. The parts are sintered in an oven with a precise temperature profile which is very important to the characteristics of the capacitors. Pressure is applied to the stack to fuse all the separate layers, this created a monolithic structure. TERMINATIONS PLATING FINAL TESTING PACKAGING Stacking + leads soldering + encapsulation (see pages 10-11) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |