| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
101SHF100CS6LE Datasheet(PDF) 20 Page - Exxelia Group |
|
|
|||||||||||||||||||||||||||||
101SHF100CS6LE Datasheet(HTML) 20 Page - Exxelia Group |
|
20 / 34 page ![]() CERAMIC CAPACITORS 136 www.exxelia.com info@exxelia.com Taping : dimensions Page revised 06/20 III.8. DUT: AT9402 This sample has a paramagnetic behavior with a relatively low magnetic susceptibility Xg around 10–7 uem.CGS/g. III.9. DUT: AT9410 This sample has a paramagnetic behavior with a relatively low magnetic susceptibility Xg around 10–7 uem.CGS/g. IV. ANALYSIS IV.1. Influence Of Leads From the above chart, the following points may be deduced: The copper termination slightly increases the magnetic susceptibility of the chip but the total value remains very low and the paramagnetic behavior is suitable for non-magnetic applications; As the ribbon shows strong paramagnetic behavior, the assembly made with the capacitor and the leads has an even lower magnetic susceptibility than the chip alone. This means that for a very strong requirement for non-magnetic criteria, the assembly made of capacitor and leads is better than the capacitor itself; In theory, it should be possible to decrease the magnetic susceptibility of the as- sembly – capacitor and leads – still further to reach a nearly a nil value, by using thicker or longer silver leads. These would also improve the heat transfer and there- fore allow higher working power. IV.2. INFLUENCE OF TERMINATIONS IV.2.1. Copper Versus Nickel Terminations From the above chart, the following points may be deduced: We are comparing here a magnetic termination – nickel barrier one – and a non-magnetic termination – copper barrier one. Naturally, the nickel termination cannot be used for non-magnetic applications but it enables us to define a limit above which a termination should not be classified as non-magnetic; As we are using a logarithmic axis, the best magnetization value to consider for this limit seems to be around 0.10 uem.CGS/g; Both copper and silver-palladium terminations are below this theoretical limit of 0.10 uem.CGS/g and can therefore be considered as non-magnetic. VI.2.2. Copper Versus Silver-Palladium Terminations From the above chart, the following points may be deduced: The copper or silver-palladium terminations slightly increase the magnetic suscep- tibility of the chip but the total value remains very low and the paramagnetic behav- ior is suitable for non-magnetic applications; General Information |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |