Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H12WD4875 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza H12WD4875
Descripción Electrónicos  25-125Amp 480 Vac AC Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

H12WD4875 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H12WD4875 Datasheet HTML 1Page - List of Unclassifed Manufacturers H12WD4875 Datasheet HTML 2Page - List of Unclassifed Manufacturers H12WD4875 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL NUMBERS
H12WD4875
H12WD4890
OUTPUT SPECIFICATIONS ➀
Operating Voltage (47-63 Hz) [Vrms]
48-660
48-660
Max. Load Current ➂ [Arms]
75
90
Min. Load Current, [mArms]
150
150
Transient Overvoltage [Vpk]
1200
1200
Max. Surge Current, (16.6ms) [Apk]
1000
1200
Max. On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
Thermal Resistance Junction to Case (RθJC) [˚C/W]
.31
.28
Maximum I 2 t for Fusing, (8.3 msec.) [A 2sec]
4150
6000
Max. Off-State Leakage Current @ Rated Voltage [mArms]
1.0
1.0
Min. Off-State dv/dt @ Max. Rated Voltage [V/µsec] ➁
500
500
Max. Turn-On Time ➃
Max. Turn-Off Time
Power Factor (Min.) with Max. Load
0.5
0.5
INPUT SPECIFICATIONS ➀
Control Voltage Range
4-32 Vdc
Max. Turn-On Voltage
4.0 Vdc
Min. Turn-Off Voltage
1.0 Vdc
Nominal Input Impedance
See Note 5
Typical Input Current
15 mA @ 5 Vdc
GENERAL NOTES
➀ All parameters at 25˚C unless otherwise specified.
➁ Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
➂ Heat sinking required, for derating curves see page 2.
➃ Turn-on time for DC control random turn-on versions is 0.02 msec.
➄ Input circuitry incorporates active current limiter.
• 1200 Volt Blocking
• Panel Mount
• Up to 660 Vac
• Zero Voltage and Random
Turn-On
• SCR Output
SERIES H12WD.
REV. 031802
PAGE 1 OF 3
High voltage relays use IC driven cir-
cuits for switching loads up to 660
VAC. All models come with 1200
Volts blocking.
Type H12WD is a snubberless
(reduced leakage current).
Manufactured in Crydom’s ISO 9001
Certified facility for optimum product
performance and reliability.
Series H12WD
25-125Amp • 480 Vac • AC Output
© 2002 CRYDOM CORP, Specifications subject to change without notice.
H12WD4825
H12WD4850
48-660
48-660
25
50
150
150
1200
1200
250
625
1.6
1.6
1.02
.63
260
1620
1.0
1.0
500
500
1/2 Cycle
1/2 Cycle
0.5
0.5
➄
1/2 Cycle
1/2 Cycle
1/2 Cycle
1/2 Cycle
1/2 Cycle
1/2 Cycle
• Integrated Overvoltage
Protection by Automatic
Self Turn-On (Suffix P)
H12WD48125
48-660
125
150
1200
1750
1.7
.22
12700
1.0
500
0.5
1/2 Cycle
1/2 Cycle
➅
Compliant only.
➅
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Número de pieza similar - H12WD4875

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
H12WD4875 CRYDOM-H12WD4875 Datasheet
756Kb / 5P
Panel Mount
H12WD4875 CRYDOM-H12WD4875 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
H12WD4875 CRYDOM-H12WD4875 Datasheet
748Kb / 7P
panel mount
logo
Sensata Technologies, I...
H12WD4875 SENSATA-H12WD4875 Datasheet
2Mb / 7P
PANEL MOUNT SOLID STATE RELAYS
Rev. 03/28/2025
logo
Crydom Inc.,
H12WD4875-10 CRYDOM-H12WD4875-10 Datasheet
756Kb / 5P
Panel Mount
More results

Descripción similar - H12WD4875

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
25-40Amp 120/240, 480 Vac AC OUTPUT
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
5Amp 120/240, 380, 480 Vac AC Output SIP
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
5-18Amp 120/240, 480 Vac AC Output
H12CD4850 ETC1-H12CD4850 Datasheet
81Kb / 3P
50-90Amp 480 Vac AC Output
HA4812 ETC1-HA4812 Datasheet
46Kb / 3P
12-90Amp 480 Vac AC Output
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
25-125Amp 600 Vac AC Output
PF240A25 ETC1-PF240A25 Datasheet
36Kb / 2P
Up to 25Amp 120/240, 380, 480 Vac AC Output
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
20Amp 120/240 Vac AC Output
A24110 ETC2-A24110 Datasheet
81Kb / 2P
120/240, 480 Vac / AC Output
logo
Crydom Inc.,
D4840-10 CRYDOM-D4840-10 Datasheet
746Kb / 7P
Series 1 480 VAC
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com