| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ECU-1251TL-R10A Datasheet(PDF) 6 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ECU-1251TL-R10A Datasheet(HTML) 6 Page - Advantech Co., Ltd. |
|
6 / 15 page ![]() Drawings and specifications herein are property of Advantech and shall not be reproduced, copied, or used without prior written permission. 6 Devices: Southbound protocol Parameter configuration Add tag Tag property Device template System tag Basic information and hardware status of the gateway. User tag Virtual IO tag which can be selected and configured by the user. Calculated tag Calculated results of an expression. Data Processing Data storage Store data to the expansion card. Store data of Container to the /data path. Resume broken transfer: When network interrupt/recovery occurs during data forwarding, the data generated during the interrupt can be retransferred. Logic operation Support complex logical operations. Event trigger (alarm) Alarm modes: Sending SMS Sending e-mail Writing tag Data transmission Different devices in the field can assign each other. Data Forwarding Industry protocol Electric power: DNP3 Electric power: IEC104 BA: BACnet Common industrial protocol: Modbus Advantech Proprietary protocol: WASCADA OPC-UA |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |