| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-AL11-R0T00 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-AL11-R0T00 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard) |
|
7 / 10 page ![]() 7 Electrical/Optical Characteristics at TA = 25°C Parameter Symbol Min. Typ. Max. Units Test Conditions Typical Viewing Angle Major 2θ1/2 70 deg Minor 35 Forward Voltage VF VIF = 20 mA Red (λd = 626 nm) 2.0 2.4 Red (λd = 630 nm) Option xx0xx 2.2 2.4 Option xxTxx 2.3 2.6 Amber (λd = 590 nm) 2.0 2.4 Amber (λd = 592 nm) Option xx0xx 2.2 2.4 Option xxRxx, xxSxx 2.3 2.6 Blue (λd = 472 nm) 3.5 4.0 Green (λd = 526 nm) 3.5 4.0 Reverse Voltage Amber, Red VR 520 V IR = 100 µA Blue, Green 5 – IR = 10 µA Peak Wavelength Peak of Wavelength of Amber (λd = 592 nm) λpeak 594 nm Spectral Distribution Red (λd = 630 nm) 639 at IF = 20 mA Blue (λd = 472 nm) 470 Green (λd = 526 nm) 524 Spectral Halfwidth Wavelength Width Amber (λd = 592 nm) ∆λ1/2 17 nm at Spectral Distribution Red (λd = 630 nm) 17 1/2 Power Point at Blue (λd = 472 nm) 35 IF = 20 mA Green (λd = 526 nm) 47 Capacitance VF = 0, F = 1 MHz Amber, Red C 40 pF Blue, Green 43 Luminous Efficacy Emitted Luminous Amber (λd = 592 nm) ηv 500 lm/W Power/Emitted Radiant Red (λd = 630 nm) 155 Power at IF = 20 mA Blue (λd = 472 nm) 75 Green (λd = 526 nm) 520 Thermal Resistance RΘJ-PIN 240 °C/W LED Junction-to- Cathode Lead Notes: 1. 2θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity. 2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Iv/ηv where Iv is the luminous intensity in candelas and ηv is the luminous efficacy in lumens/watt. 3. The luminous intensity is measured on the mechanical axis of the lamp package. 4. The optical axis is closely aligned with the package mechanical axis. 5. The dominant wavelength, λd, is derived from theCIE Chromaticity Diagram and represents the color of the lamp. 6. For Options -xxRxx, -xxSxx and -xxTxx, max. forward voltage (Vf) is 2.6 V. Refer to Vf bin table. |