| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KSZ9563RNXC Datasheet(PDF) 221 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9563RNXC Datasheet(HTML) 221 Page - Microchip Technology |
|
221 / 226 page ![]() 2017-2018 Microchip Technology Inc. DS00002419D-page 221 KSZ9563R Section 5.1.6.11, "Global PTP Message Config 1 Reg- ister" Updated bit 7 and 0 to RESERVED. Section 5.1.6.14, "Global PTP Unit Index Register" Added missing reserved fields. Section 5.1.6.17, "Time- stamp Control and Status Register" Updated bit 6 description. DS00002419B (02-15-18) Table 1-2, "Buffer Types" Updated Table 1-2 Table 3-2, "Pin Descriptions" Updated Buffer Types Section 4.0, "Functional Description" Added hyper link to LED section. Section 4.1.9, "Remote PHY Loopback" New section added. Section 4.2, "LEDs" New section added. Section 4.4.14, "Egress Traf- fic Shaping" Modified this section. Table 4-26, "Standard MIIM Registers" Modified table. Section 4.9, "Management Interface", Section 4.9.3, "MII Management (MIIM) Interface" Modified these sections. Section 5.0, "Device Regis- ters", Table 5-2, "Port N (1- 3) Register Address Map",Section 5.1.6.14, "Global PTP Unit Index Reg- ister", Section 5.2.2.10, "PHY 1000BASE-T Control Register", Section 5.4, "MDIO Manageable Device (MMD) Registers (Indirect)", Table 5-7, "MMD Register Map", Section 5.4.1, MMD LED Mode Register, Section 5.4.3, MMD EEE Advertisement Register Modified these sections. TABLE A-1: REVISION HISTORY (CONTINUED) Revision Section/Figure/Entry Correction |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |