| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KSZ9563RNXC Datasheet(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9563RNXC Datasheet(HTML) 64 Page - Microchip Technology |
|
64 / 226 page ![]() KSZ9563R DS00002419D-page 64 2017-2018 Microchip Technology Inc. TABLE 5-2: PORT N (1-3) REGISTER ADDRESS MAP Address Functional Group 0xN000 - 0xN0FF Port N: Port Operation Control Registers (0xN000 - 0xN0FF) 0xN100 - 0xN1FF Port N: Port Ethernet PHY Registers (0xN100 - 0xN1FF) 0xN200 - 0xN2FF RESERVED 0xN300 - 0xN3FF Port N: Port RGMII/MII/RMII Control Registers (0xN300 - 0xN3FF) 0xN400 - 0xN4FF Port N: Port Switch MAC Control Registers (0xN400 - 0xN4FF) 0xN500 - 0xN5FF Port N: Port Switch MIB Counters Registers (0xN500 - 0xN5FF) 0xN600 - 0xN6FF Port N: Port Switch ACL Control Registers (0xN600 - 0xN6FF) 0xN700 - 0xN7FF RESERVED 0xN800 - 0xN8FF Port N: Port Switch Ingress Control Registers (0xN800 - 0xN8FF) 0xN900 - 0xN9FF Port N: Port Switch Egress Control Registers (0xN900 - 0xN9FF) 0xNA00 - 0xNAFF Port N: Port Switch Queue Management Control Registers (0xNA00 - 0xNAFF) 0xNB00 - 0xNBFF Port N: Port Switch Address Lookup Control Registers (0xNB00 - 0xNBFF) 0xNC00 - 0xNCFF Port N: Port Switch PTP Control Registers (0xNC00 - 0xNCFF) 0xND00 - 0xNFFF RESERVED Note: RESERVED address space must not be written under any circumstances. Failure to heed this warn- ing may result in untoward operation and unexpected results. If it is necessary to write to registers which contain both writable and reserved bits in the same register, the user should first read back the reserved bits (RO or R/W), “OR” the desired settable bits with the value read, and then write back the “ORed” value to the register. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |