Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

N74F620D Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza N74F620D
Descripción Electrónicos  Octal bus transceiver, inverting 3tate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F620D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button N74F620D Datasheet HTML 4Page - NXP Semiconductors N74F620D Datasheet HTML 5Page - NXP Semiconductors N74F620D Datasheet HTML 6Page - NXP Semiconductors N74F620D Datasheet HTML 7Page - NXP Semiconductors N74F620D Datasheet HTML 8Page - NXP Semiconductors N74F620D Datasheet HTML 9Page - NXP Semiconductors N74F620D Datasheet HTML 10Page - NXP Semiconductors N74F620D Datasheet HTML 11Page - NXP Semiconductors N74F620D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F620/74F623
Transceivers
1990 Apr 6
8
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
Bn or An
An or Bn
tPLH
tPHL
SF01131
Waveform 1. For Inverting Outputs
VM
VM
VM
VM
Bn or An
An or Bn
tPLH
tPHL
SF01132
Waveform 2. For Non-Inverting Outputs
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
SF01133
An or Bn
OEBA
OEAB
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
An or Bn
OEBA
SF01134
OEAB
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00777
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12