Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STGD18N40LZT4 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STGD18N40LZT4
Descripción Electrónicos  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZT4 Datasheet(HTML) 2 Page - STMicroelectronics

  STGD18N40LZT4 Datasheet HTML 1Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 2Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 3Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 4Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 5Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 6Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 7Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 8Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0 V)
VCES(clamped)
V
VECS
Emitter-collector voltage (VGE = 0 V)
20
V
IC
Continuous collector current at TC = 100 °C
30
A
ICP (1)
Pulsed collector current
40
A
VGE
Gate-emitter voltage
VGE(clamped)
V
PTOT
Total power dissipation at TC = 25 °C
150
W
ESCIS (2)
Single pulse energy TC = 25 °C, L = 3 mH, VCC = 50 V
300
mJ
Single pulse energy TC = 150 °C, L = 3 mH, VCC = 50 V
180
mJ
ESD
Human body model, R = 1.5 kΩ, C = 100 pF
8
kV
Machine model, R = 0, C = 100 pF
800
V
Charged device model
2
kV
TSTG
Storage temperature range
-55 to 175
°C
TJ
Operating junction temperature range
°C
1. Pulse width limited by max. junction temperature.
2. For ESCIS test circuit refer to Figure 14. Test circuit for inductive load switching with A and B not connected.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
1
°C/W
RthJA
Thermal resistance, junction-to-ambient
100
°C/W
STGD18N40LZT4
Electrical ratings
DS13627 - Rev 1
page 2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com