Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SQJ454EP Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SQJ454EP
Descripción Electrónicos  Automotive N-Channel 200 V (D-S) 175 °C MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ454EP Datasheet(HTML) 3 Page - Vishay Siliconix

  SQJ454EP Datasheet HTML 1Page - Vishay Siliconix SQJ454EP Datasheet HTML 2Page - Vishay Siliconix SQJ454EP Datasheet HTML 3Page - Vishay Siliconix SQJ454EP Datasheet HTML 4Page - Vishay Siliconix SQJ454EP Datasheet HTML 5Page - Vishay Siliconix SQJ454EP Datasheet HTML 6Page - Vishay Siliconix SQJ454EP Datasheet HTML 7Page - Vishay Siliconix SQJ454EP Datasheet HTML 8Page - Vishay Siliconix SQJ454EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SQJ454EP
www.vishay.com
Vishay Siliconix
S22-0224-Rev. B, 07-Mar-2022
3
Document Number: 75925
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
10
100
1000
10000
0
9
18
27
36
45
02468
10
Axis Title
VDS - Drain-to-Source Voltage (V)
2nd line
VGS = 10 V thru 4 V
VGS = 3 V
10
100
1000
10000
0.00
0.08
0.16
0.24
0.32
0.40
0
8
16
24
32
40
Axis Title
ID - Drain Current (A)
2nd line
VGS = 4.5 V
VGS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0
1530456075
Axis Title
Qg - Total Gate Charge (nC)
2nd line
ID = 2 A
VDS = 100 V
10
100
1000
10000
0
6
12
18
24
30
02468
10
Axis Title
VGS - Gate-to-Source Voltage (V)
2nd line
TC = 25 °C
TC =-55 °C
TC = 125 °C
10
100
1000
10000
0
460
920
1380
1840
2300
040
80
120
160
200
Axis Title
VDS - Drain-to-Source Voltage (V)
2nd line
Crss
Coss
Ciss
10
100
1000
10000
0.4
0.9
1.4
1.9
2.4
2.9
-50 -25
0
255075 100 125 150 175
Axis Title
TJ - Junction Temperature (°C)
2nd line
ID = 7.5 A
VGS = 10 V
VGS = 4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com