Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

78M06A Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza 78M06A
Descripción Electrónicos  Precision 500 mA regulators
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78M06A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button 78M06A Datasheet HTML 19Page - STMicroelectronics 78M06A Datasheet HTML 20Page - STMicroelectronics 78M06A Datasheet HTML 21Page - STMicroelectronics 78M06A Datasheet HTML 22Page - STMicroelectronics 78M06A Datasheet HTML 23Page - STMicroelectronics 78M06A Datasheet HTML 24Page - STMicroelectronics 78M06A Datasheet HTML 25Page - STMicroelectronics 78M06A Datasheet HTML 26Page - STMicroelectronics 78M06A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
TO-220 (single gauge) package information
Figure 29. TO-220 (single gauge) package outline
8174627_5
L78M
Package information
DS0425 - Rev 24
page 23/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45