Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TS4962IJT Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza TS4962IJT
Descripción Electrónicos  3W Filter-free Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962IJT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4962IJT Datasheet HTML 13Page - STMicroelectronics TS4962IJT Datasheet HTML 14Page - STMicroelectronics TS4962IJT Datasheet HTML 15Page - STMicroelectronics TS4962IJT Datasheet HTML 16Page - STMicroelectronics TS4962IJT Datasheet HTML 17Page - STMicroelectronics TS4962IJT Datasheet HTML 18Page - STMicroelectronics TS4962IJT Datasheet HTML 19Page - STMicroelectronics TS4962IJT Datasheet HTML 20Page - STMicroelectronics TS4962IJT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Electrical Characteristics
TS4962
17/22
Figure 40. THD+N vs frequency
Figure 41. THD+N vs frequency
Figure 42. THD+N vs frequency
1000
10000
0.1
1
10
Po=0.2W
Po=0.4W
RL=4
Ω + 15µH
G=6dB
Bw < 30kHz
Vcc=2.5V
Tamb = 25
°C
20k
200
Frequency (Hz)
100
1000
10000
0.1
1
10
Po=0.2W
Po=0.4W
RL=4
Ω + 30µH or Filter
G=6dB
Bw < 30kHz
Vcc=2.5V
Tamb = 25
°C
20k
50
Frequency (Hz)
100
1000
10000
0.1
1
10
Po=0.45W
Po=0.9W
RL=8
Ω + 15µH
G=6dB
Bw < 30kHz
Vcc=5V
Tamb = 25
°C
20k
50
Frequency (Hz)
Figure 43. THD+N vs frequency
Figure 44. THD+N vs frequency
Figure 45. THD+N vs frequency
100
1000
10000
0.1
1
10
Po=0.45W
Po=0.9W
RL=8
Ω + 30µH or Filter
G=6dB
Bw < 30kHz
Vcc=5V
Tamb = 25
°C
20k
50
Frequency (Hz)
100
1000
10000
0.1
1
10
Po=0.25W
Po=0.5W
RL=8
Ω + 15µH
G=6dB
Bw < 30kHz
Vcc=3.6V
Tamb = 25
°C
20k
50
Frequency (Hz)
100
1000
10000
0.1
1
10
Po=0.25W
Po=0.5W
RL=8
Ω + 30µH or Filter
G=6dB
Bw < 30kHz
Vcc=3.6V
Tamb = 25
°C
20k
50
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com