Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PTN10-C02SC20 Datasheet(PDF) 5 Page - CUI Devices

No. de pieza PTN10-C02SC20
Descripción Electrónicos  ROTARY POTENTIOMETER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUID [CUI Devices]
Página de inicio  https://www.cuidevices.com/
Logo CUID - CUI Devices

PTN10-C02SC20 Datasheet(HTML) 5 Page - CUI Devices

  PTN10-C02SC20 Datasheet HTML 1Page - CUI Devices PTN10-C02SC20 Datasheet HTML 2Page - CUI Devices PTN10-C02SC20 Datasheet HTML 3Page - CUI Devices PTN10-C02SC20 Datasheet HTML 4Page - CUI Devices PTN10-C02SC20 Datasheet HTML 5Page - CUI Devices PTN10-C02SC20 Datasheet HTML 6Page - CUI Devices PTN10-C02SC20 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CUI DEVICES | SERIES: PTN10 | DESCRIPTION: ROTARY POTENTIOMETER
date 08/05/2022 | page 5 of 7
cuidevices.com
MECHANICAL DRAWING (HORIZONTAL, CRIMPED TERMINALS)
5
4.8
5
4
1.3
10.3
6
3.5
+0.2
+0.1
+0.2
AE
S
A
E
S
0.9-0.1
Detail
MECHANICAL DRAWING (HORIZONTAL, STRAIGHT TERMINALS)
5
A
E
S
4.8
6
3.5
+0.2
+0.2
5
4
1.3+0.1
10.3
+0.1
1+0.1
A
E
S
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
housing
PA6 (UL94HB)
black
B
terminals
steel
tin
C
reed
tin bronze
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
housing
PA6 (UL94HB)
black
B
terminals
steel
tin
C
reed
tin bronze
Recommended PCB Layout
Top View
Recommended PCB Layout
Top View
units: mm
tolerance:
X≤10: ±0.3 mm
10<X≤30: ±0.5 mm
30<X≤100: ±1.0 mm
unless otherwise noted
units: mm
tolerance:
X≤10: ±0.3 mm
10<X≤30: ±0.5 mm
30<X≤100: ±1.0 mm
unless otherwise noted
TERMINAL CONNECTIONS
TERMINAL
DESCRIPTION
A
Initial
S
Wiper
E
Final
TERMINAL CONNECTIONS
TERMINAL
DESCRIPTION
A
Initial
S
Wiper
E
Final
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com