| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RHFL4913S25 Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHFL4913S25 Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 20 page ![]() 8.3 TO-257 package information Figure 8. TO-257 package outline Table 7. TO-257 package mechanical data Dim. mm Inch Min. Typ. Max. Min. Typ. Max. A 10.54 0.415 B 10.54 0.415 C 16.64 0.655 D 4.7 5.33 0.185 0.210 E 1.02 0.40 F 3.56 3.68 3.81 0.140 0.145 0.150 G 13.51 0.532 H 5.26 0.207 I 0.76 0.030 J 3.05 0.120 K 2.54 0.100 L 15.2 16.5 0.598 0.650 M 2.29 0.090 N 0.71 0.028 R 1.65 0.065 RHFL4913XX25, RHFL4913XX33, RHFL4913XX50 TO-257 package information DS3260 - Rev 15 page 13/20 |