Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H5TC4G83CFR-RDI Datasheet(PDF) 25 Page - Hynix Semiconductor

No. de pieza H5TC4G83CFR-RDI
Descripción Electrónicos  4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G83CFR-RDI Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button H5TC4G83CFR-RDI Datasheet HTML 21Page - Hynix Semiconductor H5TC4G83CFR-RDI Datasheet HTML 22Page - Hynix Semiconductor H5TC4G83CFR-RDI Datasheet HTML 23Page - Hynix Semiconductor H5TC4G83CFR-RDI Datasheet HTML 24Page - Hynix Semiconductor H5TC4G83CFR-RDI Datasheet HTML 25Page - Hynix Semiconductor H5TC4G83CFR-RDI Datasheet HTML 26Page - Hynix Semiconductor H5TC4G83CFR-RDI Datasheet HTML 27Page - Hynix Semiconductor H5TC4G83CFR-RDI Datasheet HTML 28Page - Hynix Semiconductor H5TC4G83CFR-RDI Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Rev. 1.4/ Oct. 2015
25
IDD Specifications
IDD values are for full operating range of voltage and temperature unless otherwise noted.
IDD Specification
Notes:
1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC.
2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC.
Speed Grade
Bin
DDR3 - 1066
7-7-7
DDR3 - 1333
9-9-9
DDR3 - 1600
11-11-11
DDR3 - 1866
13-13-13
Unit
Notes
Symbol
Max.
Max.
Max.
Max.
IDD0
25
26
27
30
mA
x8
33
34
35
38
mA
x16
IDD01
31
32
34
36
mA
x8
42
43
44
47
mA
x16
IDD2P0
7
778
mA
x8
10
10
10
11
mA
x16
IDD2P1
7
778
mA
x8
10
10
10
11
mA
x16
IDD2N
10
12
12
14
mA
x8
13
14
15
17
mA
x16
IDD2NT
14
15
17
19
mA
x8
16
17
19
23
mA
x16
IDD2Q
10
12
12
14
mA
x8
13
13
14
16
mA
x16
IDD3P
19
20
20
21
mA
x8
21
22
22
23
mA
x16
IDD3N
26
28
28
32
mA
x8
28
30
31
34
mA
x16
IDD4R
66
77
86
100
mA
x8
92
107
125
142
mA
x16
IDD4w
68
79
86
100
mA
x8
95
110
125
142
mA
x16
IDD5B
130
130
130
135
mA
x8/x16
IDD6
99
9
10
mA
x8
10
10
10
12
mA
x16
IDD6
(Low Power)
99
9
10
mA
x8
99
9
10
mA
x16
IDD6ET
12
12
12
18
mA
x8
13
13
13
20
mA
x16
IDD7
105
120
125
140
mA
x8
155
175
180
185
mA
x16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33