Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP8820AS Datasheet(PDF) 11 Page - Exar Corporation

No. de pieza MP8820AS
Descripción Electrónicos  8-Bit Analog-to-Digital Converter with an 8-Channel MUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

MP8820AS Datasheet(HTML) 11 Page - Exar Corporation

Back Button MP8820AS Datasheet HTML 4Page - Exar Corporation MP8820AS Datasheet HTML 5Page - Exar Corporation MP8820AS Datasheet HTML 6Page - Exar Corporation MP8820AS Datasheet HTML 7Page - Exar Corporation MP8820AS Datasheet HTML 8Page - Exar Corporation MP8820AS Datasheet HTML 9Page - Exar Corporation MP8820AS Datasheet HTML 10Page - Exar Corporation MP8820AS Datasheet HTML 11Page - Exar Corporation MP8820AS Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP8820
11
Rev. 1.00
SYMBOL
MIN
MAX
MIN
MAX
A
1.73
2.05
0.068
0.081
A1
0.05
0.21
0.002
0.008
B
0.20
0.40
0.008
0.016
C
0.13
0.25
0.005
0.010
D
10.07
10.40
0.397
0.409
E
5.20
5.38
0.205
0.212
e
0.65 BSC
0.0256 BSC
H
7.65
8.1
0.301
0.319
L
0.45
0.95
0.018
0.037
α
0
°
8
°
0
°
8
°
INCHES
MILLIMETERS
28 LEAD SHRINK SMALL OUTLINE PACKAGE
(SSOP)
A28
e
D
E
H
B
A
L
C
A1
Seating
Plane
α
28
15
14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12