| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RT3MP Datasheet(PDF) 13 Page - REAN |
|
|
|||||||||||||||||||||||||||||
RT3MP Datasheet(HTML) 13 Page - REAN |
|
13 / 24 page ![]() 13 Jacks Jacks Or dering Information Type No. Mono 2 pole Stereo 3 pole Description Distance to PCB 1/4" long bushing jacks NYS 2202 • Jack for thick panels, long-threaded bushing with washer and nut, full metal – NYS 2203 • Jack for thick panels, long-threaded bushing with washer and nut, full metal – NYS 221 • Jack with special design head for guitar strap, for thick panels, – long-threaded bushing with washer and nut, full metal 1/4" horizontal jacks (all contacts switched) NYS 212 • Plastic housing with washer and nut, solder tap version – NYS 2122 • Plastic housing with washer and nut, solder tap version – NYS 215 • With chrome ferrule nut 8.2 mm NYS 2152 • With chrome ferrule nut 8.2 mm NYS 2152G • With chrome ferrule nut and gold contacts 8.2 mm NYS 2152G-DI-U • Solder tap version with chrome ferrule nut, gold contacts, bulk packaging – NYS 216 • Plastic housing with washer and nut 8.2 mm NYS 2162 • Plastic housing with washer and nut 8.2 mm NYS 216G • With gold contact 8.2 mm NYS 218 • With extra long contacts 15.0 mm NYS 2182 • With extra long contacts 15.0 mm NYS 219 • With long contacts 12.5 mm NYS 2192 • With long contacts 12.5 mm 1/4" open jacks NYS 229 • 2 contacts, with washer and nut, panel thickness 3.5 mm – NYS 229L • 2 contacts, with longer threaded nose, washer and nut, – panel thickness 6.5 mm, with 0.205" faston tabs NYS 230 • 3 contacts, with washer and nut, panel thickness 3.5 mm – 1/4" vertical jacks NYS 232 • Plastic housing, metal washer and nut, with tip and ring normalling contacts 24.85 mm NYS 234 • Plastic housing, metal washer and nut, with tip and ring normalling contacts 24.00 mm NYS 2343 • Plastic housing, metal washer and nut, no normalling contacts 24.00 mm Specification Phone jacks Electrical Rated current depends on mating connector Contact resistance depends on mating connector Insulation resistance ≥ 1 GΩ Dielectric strength 500 V dc Mechanical Lifetime > 1`000 mating cycles Insertion/withdrawal force ≤ 20 N/≥ 10 N Solderability complies with IEC68-2-20 Operating temperature -20°C to +70°C Material Housing/handle Brass Ni/ Thermoplastic Insulation Thermoplastic Contacts Brass, SnCe/Au plated |