| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-CM12-R0ADD Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-CM12-R0ADD Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
|
4 / 9 page ![]() 4 Part Numbering System HLMP - x x xx - x x x xx Mechanical Options 00: Bulk DD: Ammo Pack Color Bin Options 0: Full Color Bin Distribution A: Color Bin 1 and 2 C: Color Bin 3 and 4 D: Color Bin 4 and 5 Maximum Intensity Bin 0: No Maximum Intensity Bin Limitation Others: Refer to Device Selection Guide Minimum Intensity Bin Refer to Device Selection Guide Viewing Intensity Bin 11: 15 ° Without Standoff 12: 15 ° With Standoff 26: 23 ° Without Standoff 27: 23 ° With Standoff 36: 30 ° Without standoff 37: 30 ° With Standoff Color B: Blue 470 nm M: Green 525 nm E: Cyan 505 nm Package C: T-13/4 (5 mm) Round Lamp |