Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MCP9701AT-E/TT Datasheet(PDF) 19 Page - Microchip Technology

No. de pieza MCP9701AT-E/TT
Descripción Electrónicos  Low-Power Linear Active Thermistor ICs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9701AT-E/TT Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP9701AT-E/TT Datasheet HTML 14Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 15Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 16Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 17Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 18Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 19Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 20Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 21Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2005-2016 Microchip Technology Inc.
DS20001942G-page 19
MCP9700/9700A and MCP9701/9701A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9700:
Linear Active Thermistor™ IC
MCP9700A:
Linear Active Thermistor™ IC
MCP9701:
Linear Active Thermistor™ IC
MCP9701A:
Linear Active Thermistor™ IC
Tape and Reel:
T
= Tape and Reel (1)
Blank = Tube
Temperature Range:
E
=
-40C to +125C (Extended Temperature)
H=
-40C to +150C (High Temperature)
(MCP9700, SOT-23-3 and SC70-5 only)
Package:
LT =
Plastic Small Outline Transistor, 5-lead
TO =
Plastic Transistor Outline, 3-lead
TT =
Plastic Small Outline Transistor, 3-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP9700T-E/LT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
5LD SC70 package
b)
MCP9700-E/TO:
Linear Active Thermistor IC
Extended temperature
3LD TO-92 package
c)
MCP9700T-E/TT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
3LD SOT-23 package
d)
MCP9700T-H/LT:
Linear Active Thermistor IC
Tape and Reel
High temperature
5LD SC70 package
a)
MCP9700AT-E/LT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
5LD SC70 package
b)
MCP9700A-E/TO:
Linear Active Thermistor IC
Extended temperature
3LD TO-92 package
c)
MCP9700AT-E/TT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
3LD SOT-23 package
a)
MCP9701T-E/LT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
5LD SC70 package
b)
MCP9701-E/TO:
Linear Active Thermistor IC
Extended temperature
3LD TO-92 package
c)
MCP9701T-E/TT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
3LD SOT-23 package
a)
MCP9701AT-E/LT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
5LD SC70 package
b)
MCP9701A-E/TO:
Linear Active Thermistor IC
Extended temperature
3LD TO-92 package
c)
MCP9701AT-E/TT:
Linear Active Thermistor IC
Tape and Reel
Extended Temperature
3LD SOT-23 package
a)
MCP9700T-H/TT:
Linear Active Thermistor IC
Tape and Reel
High Temperature
3LD SOT-23 package
b)
MCP9700T-H/LT:
Linear Active Thermistor IC
Tape and Reel
High Temperature
5LD SC70 package
–
X (1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in the
catalog
part
number
description.
This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22