Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L7806CT Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza L7806CT
Descripción Electrónicos  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7806CT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7806CT Datasheet HTML 6Page - STMicroelectronics L7806CT Datasheet HTML 7Page - STMicroelectronics L7806CT Datasheet HTML 8Page - STMicroelectronics L7806CT Datasheet HTML 9Page - STMicroelectronics L7806CT Datasheet HTML 10Page - STMicroelectronics L7806CT Datasheet HTML 11Page - STMicroelectronics L7806CT Datasheet HTML 12Page - STMicroelectronics L7806CT Datasheet HTML 13Page - STMicroelectronics L7806CT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Electrical characteristics
L7800 series
10/47
Table 7.
Electrical characteristics of L7815 (refer to the test circuits, TJ = -55 to 150°C, VI = 23V, IO
= 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
14.4
15
15.6
V
VO
Output voltage
IO = 5mA to 1A, PO ≤15W
VI = 18.5 to 30V
14.25
15
15.75
V
∆VO(1)
Line regulation
VI = 17.5 to 30V, TJ = 25°C
150
mV
VI = 20 to 26V, TJ = 25°C
75
∆VO(1)
Load regulation
IO = 5 mA to 1.5A, TJ = 25°C
150
mV
IO = 250 to 750mA, TJ = 25°C
75
Id
Quiescent current
TJ = 25°C
6
mA
∆Id
Quiescent current change
IO = 5mA to 1A
0.5
mA
VI = 18.5 to 30V
0.8
∆VO/∆T Output voltage drift
IO = 5mA
1.8
mV/°C
eN
Output noise voltage
B =10Hz to 100KHz, TJ = 25°C
40
µV/VO
SVR
Supply voltage rejection
VI = 18.5 to 28.5V, f = 120Hz
60
dB
Vd
Dropout voltage
IO = 1A, TJ = 25°C
2
2.5
V
RO
Output resistance
f = 1 KHz
19
m
Ω
Isc
Short circuit current
VI = 35V, TJ = 25°C
0.75
1.2
A
Iscp
Short circuit peak current
TJ = 25°C
1.3
2.2
3.3
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com