Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HC705P6AGRS/D Datasheet(PDF) 20 Page - NXP Semiconductors

No. de pieza HC705P6AGRS/D
Descripción Electrónicos  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 16Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 17Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 18Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 19Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 20Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 21Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 22Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 23Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
General Description
General Release Specification
MC68HC705P6A — Rev. 1.0
General Description
Figure 1-2. Oscillator Connections
1.4.2.1 Crystal
The circuit in Figure 1-2(a) shows a typical oscillator circuit for an AT-
cut, parallel resonant crystal. Follow the crystal manufacturer’s
recommendations, as the crystal parameters determine the external
component values required to provide maximum stability and reliable
startup. The load capacitance values used in the oscillator circuit design
should include all stray capacitances. Mount the crystal and components
as close as possible to the pins for startup stabilization and to minimize
output distortion.
1.4.2.2 Ceramic Resonator
In cost-sensitive applications, use a ceramic resonator in place of a
crystal. Use the circuit in Figure 1-2(a) for a ceramic resonator and
follow the resonator manufacturer’s recommendations, as the resonator
parameters determine the external component values required for
maximum stability and reliable starting. The load capacitance values
used in the oscillator circuit design should include all stray capacitances.
Mount the resonator and components as close as possible to the pins for
startup stabilization and to minimize output distortion.
To VDD (or STOP)
To VDD (or STOP)
(a)
Crystal or Ceramic
Resonator Connections
(b)
External Clock Source
Connections
OSC1
OSC2
MCU
37 pF
37 pF
4.7 M
Ω
MCU
OSC1
OSC2
UNCONNECTED
EXTERNAL CLOCK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More