| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC184B Datasheet(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
BC184B Datasheet(HTML) 2 Page - Continental Device India Limited |
|
2 / 4 page ![]() NPN SILICON PLANAR EPITAXIAL TRANSISTORS BC184 BC184B BC184C TO-92 Plastic Package ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise) DESCRIPTION SYMBOL TEST CONDITION MIN TYP MAX UNITS DYNAMIC CHARACTERISTICS Transition Frequency fT IC=0.5mA, VCE=3V 140 MHz f=100MHz IC=10mA, VCE=5V 150 280 MHz f=100MHz Out-Put Capacitance Cob VCB=10V, IC=0 5pF f=1MHz Input Capacitance Cib VBE=0.5V, IC=0 8pF f=1MHz Noise Figure NF IC=0.2mA, VCE=5V 24 dB Rs=2kW, f=130HZ to 15KHz IC=0.2mA, VCE=5V 24 dB Rs=2kW, f=1kHZ F=200Hz Small Signal Current Gain BC184 | hfe |IC=2mA, VCE=5V 240 900 f = 1KHz BC184B 240 500 BC184C 450 900 Noise Figure NF IC=0.2mA, VCE=5V 24 dB Rs=2W, f=1kHZ *Pulse Condition: =300s, Duty Cycle=2% Continental Device India Limited Data Sheet Page 2 of 4 |