Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAV756S Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

No. de pieza BAV756S
Descripción Electrónicos  High-speed switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV756S Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAV756S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV756S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV756S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV756S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV756S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV756S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV756S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV756S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV756S Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BAV756S
High-speed switching diode
28 October 2022
Product data sheet
1. General description
High-speed switching diode, encapsulated in a very small SOT363 (SC-88) Surface-Mounted
Device (SMD) plastic package.
2. Features and benefits
• High switching speed: trr ≤ 4 ns
• Low capacitance: Cd ≤ 2 pF
• Low leakage current
• Reverse voltage: VR ≤ 90 V
• Very small SMD plastic packages
• AEC-Q101 qualified
3. Applications
• High-speed switching
• General-purpose switching
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IR
reverse current
VR = 80 V; Tamb = 25 °C
-
-
0.5
µA
VR
reverse voltage
-
-
90
V
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tamb = 25 °C
-
-
4
ns
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
K2
cathode (diode 2)
3
A2; A3
common anode (diode 2
and diode 3)
4
K3
cathode (diode 3)
5
A4
anode (diode 4)
6
K1; K4
common cathode (diode 1
and diode 4)
1
3
2
4
5
6
TSSOP6 (SOT363)
006aab103
A1
A2; A3
K1; K4
K2
A4
K3


Número de pieza similar - BAV756S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAV756S PHILIPS-BAV756S Datasheet
73Kb / 12P
High-speed switching diode array
1997 Oct 21
BAV756S NXP-BAV756S Datasheet
115Kb / 15P
High-speed switching diodes
Rev. 05-26 November 2007
BAV756S NXP-BAV756S Datasheet
115Kb / 15P
High-speed switching diodes
Rev. 05-26 November 2007
logo
Nexperia B.V. All right...
BAV756S-Q NEXPERIA-BAV756S-Q Datasheet
213Kb / 9P
High-speed switching diode
2 December 2024
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results

Descripción similar - BAV756S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com