Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PP906 Datasheet(PDF) 21 Page - Pico Technology Ltd.

No. de pieza PP906
Descripción Electrónicos  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PICO [Pico Technology Ltd.]
Página de inicio  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP906 Datasheet(HTML) 21 Page - Pico Technology Ltd.

Back Button PP906 Datasheet HTML 17Page - Pico Technology Ltd. PP906 Datasheet HTML 18Page - Pico Technology Ltd. PP906 Datasheet HTML 19Page - Pico Technology Ltd. PP906 Datasheet HTML 20Page - Pico Technology Ltd. PP906 Datasheet HTML 21Page - Pico Technology Ltd. PP906 Datasheet HTML 22Page - Pico Technology Ltd. PP906 Datasheet HTML 23Page - Pico Technology Ltd. PP906 Datasheet HTML 24Page - Pico Technology Ltd. PP906 Datasheet HTML 25Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – mixed-signal oscilloscopes
PicoScope 2205A MSO
PicoScope 2206B MSO
PicoScope 2207B MSO
PicoScope 2208B MSO
Horizontal (timebase)
Maximum sampling rate 1 analog ch.
(real-time)
1 digital port
2 channels/ports
Other
500 MS/s
500 MS/s
250 MS/s
250 MS/s
1 GS/s
500 MS/s
500 MS/s
250 MS/s
Equivalent-time sampling rate (ETS)
5 GS/s
10 GS/s
Maximum sampling rate
(USB streaming)
8.9 MS/s (31 MS/s with PicoSDK)
9.6 MS/s (31 MS/s with PicoSDK)
Shortest timebase
2 ns/div
2 ns/div
1 ns/div
Longest timebase
5000 s/div
5000 s/div
Capture memory (block mode,
shared between active channels)
48 kS
32 MS
64 MS
128 MS
Capture memory
(USB streaming mode, PicoScope 6)
100 MS (shared between active channels)
100 MS (shared between active channels)
Capture memory
(USB streaming mode, PicoSDK)
Up to available PC memory
Up to available PC memory
Waveform buffers (PicoScope 6)
10 000
10 000
Maximum waveforms per second
2000
80 000
Initial timebase accuracy
±50 ppm
±50 ppm
Timebase drift
±5 ppm/year
±5 ppm/year
Sample jitter
20 ps RMS, typical
3 ps RMS, typical
ADC sampling
Simultaneous sampling on all enabled channels
Simultaneous sampling on all enabled channels
Dynamic performance (typical)
Crosstalk
(full bandwidth, equal ranges)
Better than 300:1
Better than 300:1
Harmonic distortion
< –50 dB at 100 kHz, full-scale input, typical
< –50 dB at 100 kHz, full-scale input, typical
SFDR
(100 kHz, full-scale input, typical)
±20 mV range: > 44 dB
±50 mV range and higher: > 52 dB
±20 mV range: > 44 dB
±50 mV range and higher: > 52 dB
Noise (±20 mV range)
< 150 µV RMS
< 220 μV RMS
< 300 μV RMS
Bandwidth flatness
(+0.3 dB, –3 dB) from DC to full bandwidth,
typical
(+0.3 dB, –3 dB) from DC to full bandwidth, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com