Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PP966 Datasheet(PDF) 8 Page - Pico Technology Ltd.

No. de pieza PP966
Descripción Electrónicos  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PICO [Pico Technology Ltd.]
Página de inicio  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP966 Datasheet(HTML) 8 Page - Pico Technology Ltd.

Back Button PP966 Datasheet HTML 4Page - Pico Technology Ltd. PP966 Datasheet HTML 5Page - Pico Technology Ltd. PP966 Datasheet HTML 6Page - Pico Technology Ltd. PP966 Datasheet HTML 7Page - Pico Technology Ltd. PP966 Datasheet HTML 8Page - Pico Technology Ltd. PP966 Datasheet HTML 9Page - Pico Technology Ltd. PP966 Datasheet HTML 10Page - Pico Technology Ltd. PP966 Datasheet HTML 11Page - Pico Technology Ltd. PP966 Datasheet HTML 12Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Serial decoding and analysis
The PicoScope 2000 Series oscilloscopes include serial decoding capability as standard. The PicoScope 6 software has support for 20 protocols including I2C, SPI, CAN, RS-232,
Manchester and DALI. Decoding helps you see what is happening in your design to identify programming and timing errors and check for other signal integrity issues. Timing
analysis tools help to show the performance of each design element, identifying parts of the design that need to be improved to optimize overall system performance.
You can capture and decode several protocols at a time, in any combination, the only limit being the number of available channels – 18 for MSO models, as you can decode serial
data on all analog and digital inputs simultaneously. The ability to observe data flow across a bridge (such as CAN bus in, LIN bus out) is incredibly powerful. The deep memory of
the PicoScope 2000B models makes them ideal for serial decoding, as they can handle many thousands of frames of data.
GRAPH FORMAT shows the decoded
data (in hex, binary, decimal or ASCII)
in a timing diagram format, beneath the
waveform on a common time axis, with
error frames marked in red.
You can zoom in on these frames to
investigate noise or distortion, and each
packet field is assigned a different color,
so the data is easy to read.
TABLE FORMAT shows a list of the
decoded frames, including the data and
all flags and identifiers. You can set up
filtering conditions to display only the
frames you are interested in or search for
frames with specified properties.
The statistics option reveals more detail
about the physical layer such as frame
times and voltage levels. PicoScope 6 can
also import a spreadsheet to decode the
data into user-defined text strings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com