Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P80C652IBP Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza P80C652IBP
Descripción Electrónicos  CMOS single-chip 8-bit microcontrollers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

P80C652IBP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P80C652IBP Datasheet HTML 5Page - NXP Semiconductors P80C652IBP Datasheet HTML 6Page - NXP Semiconductors P80C652IBP Datasheet HTML 7Page - NXP Semiconductors P80C652IBP Datasheet HTML 8Page - NXP Semiconductors P80C652IBP Datasheet HTML 9Page - NXP Semiconductors P80C652IBP Datasheet HTML 10Page - NXP Semiconductors P80C652IBP Datasheet HTML 11Page - NXP Semiconductors P80C652IBP Datasheet HTML 12Page - NXP Semiconductors P80C652IBP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
9
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to + 6.0
V
Input, output current on any single pin
±5
mA
Power dissipation (based on package heat transfer
limitations, not device power consumption)
1
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any conditions other than those described in the AC and DC Electrical
Characteristics section of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices
from the damaging effects of excessive static charge. Nonetheless, it is suggested that
conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All
voltages are with respect to VSS unless otherwise noted.
DEVICE SPECIFICATIONS
TYPE
SUPPLY VOLTAGE
(V)
FREQUENCY
(MHz)
TEMPERATURE
RANGE
MIN.
MAX.
MIN.
MAX.
(
°C)
P8XC652EBx
4.5
5.5
3.5
16
0 to +70
P8XC652EFx
4.5
5.5
3.5
16
–40 to +85
P8XC652EHx
4.5
5.5
3.5
16
–40 to +125
P8XC652IBx
4.5
5.5
3.5
24
0 to +70
P83X652IFx
4.5
5.5
3.5
24
–40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com