Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDLL4623-1 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza CDLL4623-1
Descripción Electrónicos  500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4623-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL4623-1 Datasheet HTML 1Page - Microsemi Corporation CDLL4623-1 Datasheet HTML 2Page - Microsemi Corporation CDLL4623-1 Datasheet HTML 3Page - Microsemi Corporation CDLL4623-1 Datasheet HTML 4Page - Microsemi Corporation CDLL4623-1 Datasheet HTML 5Page - Microsemi Corporation CDLL4623-1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0245, Rev. 2 (5/31/13)
©2013 Microsemi Corporation
Page 1 of 6
1N4614UR-1 – 1N4627UR-1e3,
1N4099UR-1 – 1N4135UR-1e3
Available on
commercial
versions
500 mW Metallurgically Bonded
Glass Surface Mount Zener Diodes
Qualified per MIL-PRF-19500/435
Qualified Levels:
JAN, JANTX,
JANTXV and JANS
DESCRIPTION
The 1N4099UR-1 through 1N4135UR-1 and 1N4614UR-1 through 1N4627UR-1 series are
500 mW, Zener voltage regulators in the surface mount, glass DO-213AA package. Voltages
from 1.8 to 100V in 5%, 2%, and 1% tolerances are available. They are constructed with an
internal metallurgical bond and are mil-qualified up to the JANS level for high reliability
applications.
DO-213AA
Package
Also available in:
DO-35 package
(axial-leaded)
1N4099-1 – 1N4135-1 and
1N4614-1 – 1N4627-1
DO-216 package
(tabbed surface mount)
1PMT4099 – 1PMT4135 and
1PMT4614 – 1PMT4627
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
•
Surface mount equivalent to JEDEC registered 1N4099 through 1N4135 and 1N4614 through
1N4627 series.
•
Internal metallurgical bond.
•
Max noise density 40
μV / √Hz for 6.8 V and up. Falls quickly to 1 μV / √Hz at lower voltages.
•
JAN, JANTX, JANTXV and JANS qualifications are available per MIL-PRF-19500/435.
•
This series is also available commercially with the CDLL prefix (CDLL4099-1 – CDLL4135-1 and
CDLL4614-1 – CDLL4627-1). This CDLL prefix also replaces the MLL prefix on prior devices.
•
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
•
Regulates voltage over broad ranges of current and temperature.
•
Extensive selection from 1.8 to 100 volts.
•
Voltage tolerances of 5% (standard), 2% and 1% are available.
•
Hermetically sealed surface mount package.
•
Non-sensitive to ESD per MIL-STD-750 method 1020.
•
Minimal capacitance (see Figure 3).
•
Inherently radiation hard as described in Microsemi MicroNote 050.
MAXIMUM RATINGS @ TC = +25 ºC unless otherwise specified
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-65 to +175
oC
Thermal Resistance Junction-to-Ambient
(1)
RӨJA
300
oC/W
Thermal Resistance Junction-to-End Cap
RӨJEC
100
oC/W
Rated Average Power Dissipation
(2)
PM(AV)
0.5
W
Forward Voltage @ 200 mA
VF
1.1
V
Solder Temperature @ 10 s
260
oC
Notes: 1. When mounted on FR4 PC board (1 oz Cu) with recommended footprint (see last page).
2. The 0.5 W linearly derates starting at TEC = 125 °C and goes to zero at 175 °C. For ambient TA
condition on a typical PC board, it linearly derates from 500 mW starting at 25 °C and goes to zero at
175 °C (see Figure 2).


Número de pieza similar - CDLL4623-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
CDLL4623 CDI-DIODE-CDLL4623 Datasheet
109Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Microsemi Corporation
CDLL4623 MICROSEMI-CDLL4623 Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4623C MICROSEMI-CDLL4623C Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4623D MICROSEMI-CDLL4623D Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
More results

Descripción similar - CDLL4623-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
New Jersey Semi-Conduct...
1N6309 NJSEMI-1N6309 Datasheet
142Kb / 1P
500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
logo
Microsemi Corporation
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com