| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SL2MOS5301EV Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2MOS5301EV Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 33 page ![]() 113730 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 2 of 33 NXP Semiconductors SL2 ICS53/SL2 ICS54 I•CODE SLI-S/I•CODE SLI-S HC PUBLIC 1.3 Security and privacy aspects 1. Unique Identifier (UID) The UID can not be altered and guarantees the uniqueness of each label. 2. OTP Memory for EPC Code The memory for the EPC Code is an one time programmable memory, which ensures that the data can not be changed after user programming. 3. Password protected memory management (Read/Write access) Pages (1 page = 4 blocks of 4 byte each) can be protected with a password, which ensures that only authorized users get read/write access to the protected parts of the user memory (anti counterfeiting). 4. Password protected Label Destroy With the 32-bit destroy password an addressed label can be destroyed with the Destroy command. That status is irreversible and the label will never respond to any command again. 5. Password protected Privacy Mode With the 32-bit Privacy password a label can be set to the Privacy mode with the Set to Privacy Mode command. In that mode the label will not respond to any command except of the command Get Random Number till it receives again the right Privacy password. That mode is especially designed to meet the increasing demand to take care of the customers privacy. 6. Password protected EAS Functionality With the 32-bit EAS password the addressed label can be set in a mode that the commands Set EAS and Reset EAS are only executed by the label if the right EAS password is transmitted to the label within the mentioned commands. |