Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL2MOS5401EV Datasheet(PDF) 21 Page - NXP Semiconductors

No. de pieza SL2MOS5401EV
Descripción Electrónicos  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2MOS5401EV Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL2MOS5401EV Datasheet HTML 17Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 18Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 19Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 20Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 21Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 22Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 23Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 24Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
21 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
Remark: If the sum of first page number and number of pages exceeds the total available
number of user pages the number of transmitted pages is less than the requested number
of pages, which means that the last returned page is the highest available user page,
followed by the 16-bit CRC and the EOF.
• Example:
– mask length = 30 bits
• Returned:
– bit 64 to bit 5 – 30 bits = 30 bits gives 4 bytes
Table 45.
Example
Byte 0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 Byte 7
UID
mask value incl. padding with zeros
transmitted by
Interrogator
returned value
transmitted by
I•CODE SLI-S/I•CODE
SLI-S HC IC
8.1.3.12 Fast inventory page read
Command Code = B1h
When receiving the Fast Inventory Page Read command the
I•CODE SLI-S/I•CODE SLI-S HC IC behaves the same as in the Inventory Page Read
command with the following exceptions:
The data rate in the direction I•CODE SLI-S/I•CODE SLI-S HC IC to the interrogator is
twice as defined in ISO/IEC 15693-3, depending on the datarate_flag 53 kbit (high data
rate) or 13 kbit (low data rate).
The data rate from the interrogator to the I•CODE SLI-S/I•CODE SLI-S HC IC and the
time between the rising edge of the EOF from the interrogator to the
I•CODE SLI-S/I•CODE SLI-S HC IC remain unchanged (stay the same as defined in
ISO/IEC 15693-3).
In the direction I•CODE SLI-S/I•CODE SLI-S HC IC to the interrogator only the single
subcarrier mode is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com