Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PS9801 Datasheet(PDF) 7 Page - Renesas Technology Corp

No. de pieza PS9801
Descripción Electrónicos  0.6 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SSOP (SO-8) PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9801 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9801 Datasheet HTML 2Page - Renesas Technology Corp PS9801 Datasheet HTML 3Page - Renesas Technology Corp PS9801 Datasheet HTML 4Page - Renesas Technology Corp PS9801 Datasheet HTML 5Page - Renesas Technology Corp PS9801 Datasheet HTML 6Page - Renesas Technology Corp PS9801 Datasheet HTML 7Page - Renesas Technology Corp PS9801 Datasheet HTML 8Page - Renesas Technology Corp PS9801 Datasheet HTML 9Page - Renesas Technology Corp PS9801 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Data Sheet PN10745EJ01V0DS
5
PS9801
ELECTRICAL CHARACTERISTICS (TA =
−40 to +100°C, VCC = 10 to 30 V, IF (ON) = 8 to 12 mA,
VF (OFF) =
−2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.2
1.56
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
f = 1 MHz, VF = 0 V, TA = 25
°C
30
pF
Detector High Level Output Current
IOH
VO = (VCC
− 4 V) *2
0.2
A
VO = (VCC
− 10 V) *3
0.4
0.6
Low Level Output Current
IOL
VO = (VEE + 2.5 V)
*2
0.2
0.5
A
VO = (VEE + 10 V)
*3
0.4
0.6
High Level Output Voltage
VOH
IO =
−100 mA *4
VCC
− 4.0 VCC − 1.8
V
Low Level Output Voltage
VOL
IO = 100 mA
0.4
1.0
V
High Level Supply Current
ICCH
VO = open, IF = 10 mA
0.8
3.0
mA
Low Level Supply Current
ICCL
VO = open, IF = 0 mA
1.4
3.0
mA
Coupled Threshold Input Current
(L
→ H)
IFLH
IO = 0 mA, VO > 5 V
6.0
mA
Threshold Input Voltage
(H
→ L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
Isolation Capacitance
CI-O
f = 1 MHz, VF = 0 V, TA = 25
°C
30
pF
*1 Typical values at TA = 25
°C.
*2 Maximum pulse width = 50
μs, Maximum duty cycle = 0.5%.
*3 Maximum pulse width = 10
μs, Maximum duty cycle = 0.2%
*4 VOH is measured with the DC load current in this testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com