Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P80C652IBA Datasheet(PDF) 19 Page - NXP Semiconductors

No. de pieza P80C652IBA
Descripción Electrónicos  CMOS single-chip 8-bit microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652IBA Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P80C652IBA Datasheet HTML 15Page - NXP Semiconductors P80C652IBA Datasheet HTML 16Page - NXP Semiconductors P80C652IBA Datasheet HTML 17Page - NXP Semiconductors P80C652IBA Datasheet HTML 18Page - NXP Semiconductors P80C652IBA Datasheet HTML 19Page - NXP Semiconductors P80C652IBA Datasheet HTML 20Page - NXP Semiconductors P80C652IBA Datasheet HTML 21Page - NXP Semiconductors P80C652IBA Datasheet HTML 22Page - NXP Semiconductors P80C652IBA Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Philips Semiconductors
Product specification
87C654
CMOS single-chip 8-bit microcontroller
1996 Aug 16
19
VCC
P0
RST
XTAL1
XTAL2
VSS
VCC
VCC
ICC
(NC)
CLOCK SIGNAL
P1.6
P1.7
EA
*
*
87C654
SU00273
Figure 9. ICC Test Condition, Idle Mode
All other pins are disconnected
VCC–0.5
0.45V
0.7VCC
0.2VCC–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
SU00009
Figure 10. Clock Signal Waveform for ICC Tests in Active and Idle Modes
tCLCH = tCHCL = 10ns
VCC
P0
RST
XTAL1
XTAL2
VSS
VCC
VCC
ICC
(NC)
P1.6
P1.7
EA
*
*
87C654
SU00274
Figure 11. ICC Test Condition, Power Down Mode
All other pins are disconnected. VCC = 2V to 5.5V
NOTE:
*
Ports 1.6 and 1.7 should be connected to VCC through resistors of sufficiently high value such that the sink current into these pins does not
exceed the IOL1 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28