Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P80C652IBB Datasheet(PDF) 22 Page - NXP Semiconductors

No. de pieza P80C652IBB
Descripción Electrónicos  CMOS single-chip 8-bit microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652IBB Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P80C652IBB Datasheet HTML 18Page - NXP Semiconductors P80C652IBB Datasheet HTML 19Page - NXP Semiconductors P80C652IBB Datasheet HTML 20Page - NXP Semiconductors P80C652IBB Datasheet HTML 21Page - NXP Semiconductors P80C652IBB Datasheet HTML 22Page - NXP Semiconductors P80C652IBB Datasheet HTML 23Page - NXP Semiconductors P80C652IBB Datasheet HTML 24Page - NXP Semiconductors P80C652IBB Datasheet HTML 25Page - NXP Semiconductors P80C652IBB Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Philips Semiconductors
Product specification
87C654
CMOS single-chip 8-bit microcontroller
1996 Aug 16
22
EPROM PROGRAMMING AND VERIFICATION CHARACTERISTICS
Tamb = 21°C to +27°C, VCC = 5V±10%, VSS = 0V (See Figure 15)
SYMBOL
PARAMETER
MIN
MAX
UNIT
VPP
Programming supply voltage
12.5
13.0
V
IPP
Programming supply current
50
mA
1/tCLCL
Oscillator frequency
4
6
MHz
tAVGL
Address setup to PROG low
48tCLCL
tGHAX
Address hold after PROG
48tCLCL
tDVGL
Data setup to PROG low
48tCLCL
tGHDX
Data hold after PROG
48tCLCL
tEHSH
P2.7 (ENABLE) high to VPP
48tCLCL
tSHGL
VPP setup to PROG low
10
µs
tGHSL
VPP hold after PROG
10
µs
tGLGH
PROG width
90
110
µs
tAVQV
Address to data valid
48tCLCL
tELQZ
ENABLE low to data valid
48tCLCL
tEHQZ
Data float after ENABLE
0
48tCLCL
tGHGL
PROG high to PROG low
10
µs
PROGRAMMING
*
VERIFICATION
*
ADDRESS
ADDRESS
DATA IN
DATA OUT
LOGIC 1
LOGIC 1
LOGIC 0
tAVQV
tEHQZ
tELQV
tEHSH
tSHGL
tGHSL
tGLGH
tGHGL
tAVGL
tGHAX
tDVGL
tGHDX
P1.0–P1.7
P2.0–P2.3
PORT 0
ALE/PROG
EA/VPP
P2.7
ENABLE
SU00270
*
FOR PROGRAMMING VERIFICATION SEE FIGURE 12.
FOR VERIFICATION CONDITIONS SEE FIGURE 14.
Figure 15. EPROM Programming and Verification
Purchase of Philips I2C components conveys a license under the Philips’ I2C patent
to use the components in the I2C system provided the system conforms to the
I2C specifications defined by Philips. This specification can be ordered using the
code 9398 393 40011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com