Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P83C652EBAA Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza P83C652EBAA
Descripción Electrónicos  CMOS single-chip 8-bit microcontrollers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C652EBAA Datasheet(HTML) 3 Page - NXP Semiconductors

  P83C652EBAA Datasheet HTML 1Page - NXP Semiconductors P83C652EBAA Datasheet HTML 2Page - NXP Semiconductors P83C652EBAA Datasheet HTML 3Page - NXP Semiconductors P83C652EBAA Datasheet HTML 4Page - NXP Semiconductors P83C652EBAA Datasheet HTML 5Page - NXP Semiconductors P83C652EBAA Datasheet HTML 6Page - NXP Semiconductors P83C652EBAA Datasheet HTML 7Page - NXP Semiconductors P83C652EBAA Datasheet HTML 8Page - NXP Semiconductors P83C652EBAA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
3
PLASTIC LEADED CHIP CARRIER
PIN FUNCTIONS
6140
7
17
39
29
18
28
PLASTIC
LEADED CHIP
CARRIER
Pin
Function
Pin
Function
1
NC*
23
NC*
2
P1.0
24
P2.0/A8
3
P1.1
25
P2.1/A9
4
P1.2
26
P2.2/A10
5
P1.3
27
P2.3/A11
6
P1.4
28
P2.4/A12
7
P1.5
29
P2.5/A13
8
P1.6/SCL
30
P2.6/A14
9
P1.7/SDA
31
P2.7/A15
10
RST
32
PSEN
11
P3.0/RxD
33
ALE
12
NC*
34
NC*
13
P3.1/TxD
35
EA
14
P3.2/INT0
36
P0.7/AD7
15
P3.3/INT1
37
P0.6/AD6
16
P3.4/T0
38
P0.5/AD5
17
P3.5/T1
39
P0.4/AD4
18
P3.6/WR
40
P0.3/AD3
19
P3.7/RD
41
P0.2/AD2
20
XTAL2
42
P0.1/AD1
21
XTAL1
43
P0.0/AD0
22
VSS
44
VDD
*DO NOT CONNECT
PLASTIC QUAD FLAT PACK
PIN FUNCTIONS
44
34
1
11
33
23
12
22
PLASTIC
QUAD
FLAT
PACK
Pin
Function
Pin
Function
1
P1.5
23
P2.5/A13
2
P1.6/SCL
24
P2.6/A14
3
P1.7/SDA
25
P2.7/A15
4
RST
26
PSEN
5
P3.0/RxD
27
ALE
6
VSS4
28
VSS2
7
P3.1/TxD
29
EA/VPP
8
P3.2/INT0
30
P0.7/AD7
9
P3.3/INT1
31
P0.6/AD6
10
P3.4/T0
32
P0.5/AD5
11
P3.5/T1
33
P0.4/AD4
12
P3.6/WR
34
P0.3/AD3
13
P3.7/RD
35
P0.2/AD2
14
XTAL2
36
P0.1/AD1
15
XTAL1
37
P0.0/AD0
16
VSS1
38
VDD
17
NC*
39
VSS3
18
P2.0/A8
40
P1.0
19
P2.1/A9
41
P1.1
20
P2.2/A10
42
P1.2
21
P2.3/A11
43
P1.3
22
P2.4/A12
44
P1.4
*DO NOT CONNECT
NOTES TO QFP ONLY:
1. Due to EMC improvements, all VSS pins
(6, 16, 28, 39) must be connected to VSS
on the 80C652/83C652.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22