Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P83C552EBA/XXX Datasheet(PDF) 19 Page - NXP Semiconductors

No. de pieza P83C552EBA/XXX
Descripción Electrónicos  Single-chip 8-bit microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C552EBA/XXX Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P83C552EBA/XXX Datasheet HTML 15Page - NXP Semiconductors P83C552EBA/XXX Datasheet HTML 16Page - NXP Semiconductors P83C552EBA/XXX Datasheet HTML 17Page - NXP Semiconductors P83C552EBA/XXX Datasheet HTML 18Page - NXP Semiconductors P83C552EBA/XXX Datasheet HTML 19Page - NXP Semiconductors P83C552EBA/XXX Datasheet HTML 20Page - NXP Semiconductors P83C552EBA/XXX Datasheet HTML 21Page - NXP Semiconductors P83C552EBA/XXX Datasheet HTML 22Page - NXP Semiconductors P83C552EBA/XXX Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Philips Semiconductors
Product data
80C552/83C552
Single-chip 8-bit microcontroller with 10-bit A/D,
capture/compare timer, high-speed outputs, PWM
2002 Sep 03
19
SU01702
40
30
20
10
12
416
8
f (MHz)
(1)
NOTE:
These values are valid only within the frequency specifications of the device under test.
IDD, ID mA
50
0
0
(2)
(3)
(4)
(1)
Maximum operating mode; VDD = 6 V
(2)
Maximum operating mode; VDD = 4 V
(3)
Maximum idle mode; VDD = 6 V
(4)
Maximum idle mode; VDD = 4 V
Figure 10. 16 MHz Version Supply Current (IDD) as a Function of Frequency at XTAL1 (fOSC)
SU01703
40
30
20
10
12
416
8
f (MHz)
(1)
NOTE:
These values are valid only within the frequency specifications of the device under test.
50
0
0
(2)
(3)
(4)
(1)
Maximum operating mode; VDD =
5.5 V
(2)
Maximum operating mode; VDD =
4.5 V
(3)
Maximum idle mode; VDD = 5.5 V
(4)
Maximum idle mode; VDD = 4.5 V
60
20
24
IDD, ID mA
Figure 11. 24 MHz Version Supply Current (IDD) as a Function of Frequency at XTAL1 (fOSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com