| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7540 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7540 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 44 page ![]() Functional description ST7540 32/44 6.8 Control register The ST7540 is a multi-channel and multifunction transceiver. An internal 24 or 48 Bits (in Extended mode) Control Register allows to manage all the programmable parameters (Table 12). The programmable functions are: ● Channel Frequency ● Baud Rate ● Deviation ● Watchdog ● Transmission Timeout ● Frequency Detection Time ● Detection Method ● Mains Interfacing Mode ● Output Clock ● Sensitivity Mode ● Input Pre-Filter In addition to these functions the Extended mode provides 24 additional bits and others functions: ● Output Level Freeze ● Frame Header Recognizes (one 16 bits header of or two 8 bits headers) with support to Frame Length Bit count |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |