Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P80C652IBAA Datasheet(PDF) 18 Page - NXP Semiconductors

No. de pieza P80C652IBAA
Descripción Electrónicos  CMOS single-chip 8-bit microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652IBAA Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P80C652IBAA Datasheet HTML 14Page - NXP Semiconductors P80C652IBAA Datasheet HTML 15Page - NXP Semiconductors P80C652IBAA Datasheet HTML 16Page - NXP Semiconductors P80C652IBAA Datasheet HTML 17Page - NXP Semiconductors P80C652IBAA Datasheet HTML 18Page - NXP Semiconductors P80C652IBAA Datasheet HTML 19Page - NXP Semiconductors P80C652IBAA Datasheet HTML 20Page - NXP Semiconductors P80C652IBAA Datasheet HTML 21Page - NXP Semiconductors P80C652IBAA Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Philips Semiconductors
Product specification
83C654
CMOS single-chip 8-bit microcontroller
1998 Jan 06
18
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 9. IDD Test Condition, Active Mode
All other pins are disconnected
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
P1.6
P1.7
P1.6
P1.7
EA
*
*
*
*
Figure 10. IDD Test Condition, Idle Mode
All other pins are disconnected
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
Figure 11. IDD Test Condition, Power Down Mode
All other pins are disconnected. VDD = 2V to 5.5V
P1.6
P1.7
EA
*
*
NOTE:
*
Ports 1.6 and 1.7 should be connected to VCC through resistors of sufficiently high value such that the sink current into these pins does not
exceed the IOL1 specification.
Purchase of Philips I2C components conveys a license under the Philips’ I2C patent
to use the components in the I2C system provided the system conforms to the
I2C specifications defined by Philips. This specification can be ordered using the
code 9398 393 40011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com