Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISF2P1 Datasheet(PDF) 12 Page - NXP Semiconductors

No. de pieza ISF2P1
Descripción Electrónicos  Intelligent Sensing Framework Version 2.1 for Kinetis Release Notes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISF2P1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button ISF2P1 Datasheet HTML 7Page - NXP Semiconductors ISF2P1 Datasheet HTML 8Page - NXP Semiconductors ISF2P1 Datasheet HTML 9Page - NXP Semiconductors ISF2P1 Datasheet HTML 10Page - NXP Semiconductors ISF2P1 Datasheet HTML 11Page - NXP Semiconductors ISF2P1 Datasheet HTML 12Page - NXP Semiconductors ISF2P1 Datasheet HTML 13Page - NXP Semiconductors ISF2P1 Datasheet HTML 14Page - NXP Semiconductors ISF2P1 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Known issues and limitations
12
ISF2P1_KINETIS_RELEASE_RN, 1.0, 11/2015
Freescale Semiconductor, Inc.
Table 11. Closed defects – ISF 2.1 PEupd.PE (Rev 1) (20 March 2015)
Defect ID
Ticket Summary
Ticket Closure
Date
Priority
SSDSW-2
FXAS21002C Sensor Adapter reports incorrect response
to WHOAMI command.
20 March 2015
L2
SSDSW-64
The floating point conversion factors in MPL3115 sensor
adapter are incorrect.
20 March 2015
L3
TabSSDSW-98
The stack size for MainTask of ISFEmbApp cannot be
modified.
20 March 2015
L3
Table 12. Closed defects – ISF 2.1 (6 March 2015)
Defect ID
Ticket Summary
Ticket Closure
Date
Priority
CR3402071
The installation shows unit test information released in the
core library.
6 March 2015
L3
CR345614
The CI mailbox protocol does not use 2 bytes for offset as
specified in the SWRM.
30 January 2015
L3
CR345907
If the Component name for the ISFEmbApp component is
changed, the compilation fails.
2 February 2015
L3
CR345910
The FXOS8700CQ sensor adapter does not properly
support accelerometer only usage at frequencies other
than 400 Hz.
30 January 2015
L3
CR346036
The Device ID Command does not consistently return the
expected 18 bytes of data.
30 January 2015
L2
SSDSBOX-81
Timestamp resolution has only 5 µsec resolution by default
and may create duplicate timestamps.
9 February 2015
L3
1
. Also known as SSDSW-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15