Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HTMS8301FTK/AF Datasheet(PDF) 41 Page - NXP Semiconductors

No. de pieza HTMS8301FTK/AF
Descripción Electrónicos  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FTK/AF Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button HTMS8301FTK/AF Datasheet HTML 36Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 37Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 38Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 39Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 40Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 41Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 42Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 43Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
41 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards, customer
(a) shall use the product without NXP Semiconductors’ warranty of the
product for such automotive applications, use and specifications, and (b)
whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
23.4 Licenses
23.5 Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
HITAG — is a trademark of NXP B.V.
24. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
ICs with HITAG functionality
NXP Semiconductors owns a worldwide perpetual license for the patents
US 5214409, US 5499017, US 5235326 and for any foreign counterparts
or equivalents of these patents. The license is granted for the Field-of-Use
covering: (a) all non-animal applications, and (b) any application for animals
raised for human consumption (including but not limited to dairy animals),
including without limitation livestock and fish.
Please note that the license does not include rights outside the specified
Field-of-Use, and that NXP Semiconductors does not provide indemnity for
the foregoing patents outside the Field-of-Use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44