Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS874208I Datasheet(PDF) 11 Page - Renesas Technology Corp

No. de pieza ICS874208I
Descripción Electrónicos  2.5V Differential LVDS Clock Divider and Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS874208I Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS874208I Datasheet HTML 7Page - Renesas Technology Corp ICS874208I Datasheet HTML 8Page - Renesas Technology Corp ICS874208I Datasheet HTML 9Page - Renesas Technology Corp ICS874208I Datasheet HTML 10Page - Renesas Technology Corp ICS874208I Datasheet HTML 11Page - Renesas Technology Corp ICS874208I Datasheet HTML 12Page - Renesas Technology Corp ICS874208I Datasheet HTML 13Page - Renesas Technology Corp ICS874208I Datasheet HTML 14Page - Renesas Technology Corp ICS874208I Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
874208I Data Sheet
LVDS CLOCK DIVIDER AND FANOUT BUFFER
REVISION A 9/18/14
11
©2014 Integrated Device Technology, Inc.
Applications Information
Differential Input with Built-In 50 Termination Interface
The IN /nIN with built-in 50
 terminations accept LVDS, LVPECL,
CML and other differential signals. Both differential signals must meet
the VIN and VIH input requirements. Figures 4A to 4C to show
interface examples for the IN/nIN input with built-in 50
 terminations
driven by the most common driver types. The input interfaces
suggested here are examples only. If the driver is from another
vendor, use their termination recommendation. Please consult with
the vendor of the driver component to confirm the driver termination
requirements.
Figure 4A: IN/nIN Input with Built-In 50
 driven by an
LVDS Driver
Figure 4B: IN/nIN Input with Built-In 50
 Driven by a CML
Driver with Open Collector
Figure 4C: IN/nIN Input with Built-In 50
 driven by an
LVPECL Driver
2.5V
LVDS
3.3V or 2.5V
50
Ω
50
Ω
IN
nIN
VT
Receiver
with Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
2.5V
2.5V
IN
nIN
VT
Receiver
with Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
50
Ω
50
Ω
CML – Open Collector
2.5V
LVPECL
2.5V
50
Ω
50
Ω
IN
nIN
VT
Receiver
w ith Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
R1
18
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com