| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAS55 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS55 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 7 page ![]() 1996 Sep 10 7 Philips Semiconductors Product specification High-speed diode BAS55 PACKAGE OUTLINE DEFINITIONS LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. Data Sheet Status Objective specification This data sheet contains target or goal specifications for product development. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. Product specification This data sheet contains final product specifications. Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. Fig.9 SOT23. Dimensions in mm. handbook, full pagewidth MBC846 10 max o 10 max o 30 max o 1.1 max 0.55 0.45 0.150 0.090 0.1 max 21 3 M 0.1 AB 0.48 0.38 TOP VIEW 1.4 1.2 2.5 max 3.0 2.8 M 0.2 A A B 0.95 1.9 |