| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM324APWE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324APWE4 Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 55 page ![]() Table 5-1. Pin Functions (continued) PIN TYPE(1) DESCRIPTION NAME LCCC SOIC, TSSOP, PDIP, SSOP, SO, CDIP, and CFP WQFN 3IN+ 14 10 9 I Positive input 3OUT 12 8 7 O Output 4IN– 19 13 13 I Negative input 4IN+ 18 12 12 I Positive input 4OUT 20 14 14 O Output VCC- 16 11 11 — Negative (lowest) supply or ground (for single-supply operation) NC 1, 5, 7, 11, 15, 17 — 3, 10 — Do not connect VCC+ 6 4 2 — Positive (highest) supply (1) I = input, O = output www.ti.com LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324K, LM324KA LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV SLOS066Z – SEPTEMBER 1975 – REVISED APRIL 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |