Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MFR4300 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

No. de pieza MFR4300
Descripción Electrónicos  FlexRay Communication Controllers
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MFR4300 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MFR4300 Datasheet HTML 75Page - Freescale Semiconductor, Inc MFR4300 Datasheet HTML 76Page - Freescale Semiconductor, Inc MFR4300 Datasheet HTML 77Page - Freescale Semiconductor, Inc MFR4300 Datasheet HTML 78Page - Freescale Semiconductor, Inc MFR4300 Datasheet HTML 79Page - Freescale Semiconductor, Inc MFR4300 Datasheet HTML 80Page - Freescale Semiconductor, Inc MFR4300 Datasheet HTML 81Page - Freescale Semiconductor, Inc MFR4300 Datasheet HTML 82Page - Freescale Semiconductor, Inc MFR4300 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 266 page
background image
FlexRay Module (FLEXRAYV2)
MFR4300 Data Sheet, Rev. 1
Freescale Semiconductor
79
3.3.2.11
Protocol Interrupt Flag Register 0 (PIFR0)
The register holds one set of the protocol related individual interrupt flags. The application clears an
interrupt flag by writing a '1' to it. Writing a ‘0’ will not change the state of the flag. If the application tries
to clear a flag and the FlexRay module sets this flag at the same ¹³×time, then that flag remains set.
1
RBIE
Receive Buffer Interrupt Enable — This flag controls if the receive buffer interrupt line is asserted when the
RBIF flag is set.
0 Disable interrupt line
1 Enable interrupt line
0
TBIE
Transmit Interrupt Enable — This flag controls if the transmit buffer interrupt line is asserted when the TBIF
flag is set.
0 Disable interrupt line
1 Enable interrupt line
0x0018
Write: Normal Mode
15
14
13
12
11
10
98
76543
210
R FATL
_IF
INTL
_IF
ILCF
_IF
CSA
_IF
MRC
_IF
MOC
_IF
CCL
_IF
MXS
_IF
MTX
_IF
LTXB
_IF
LTXA
_IF
TBVB
_IF
TBVA
_IF
TI2
_IF
TI1
_IF
CYS
_IF
W
Reset
000000
00000
00000
Figure 3-10. Protocol Interrupt Flag Register 0 (PIFR0)
Table 3-17. PIFR0 Field Descriptions (Sheet 1 of 3)
Field
Description
15
FATL_IF
Fatal Protocol Error Interrupt Flag — This flag is set when the protocol engine has detected a fatal protocol
error. In this case, the protocol engine goes into the POC:halt state immediately. The fatal protocol errors are:
1) pLatestTx violation, as described in the MAC process of the FlexRay protocol
2) transmission across slot boundary violation, as described in the FSP process of the FlexRay protocol
0 No such event.
1 Fatal protocol error detected.
14
INTL_IF
Internal Protocol Error Interrupt Flag — This flag is set when the protocol engine has detected an internal
protocol error. In this case, the protocol engine goes into the POC:halt state immediately. An internal protocol
error occurs when the protocol engine has not finished a calculation and a new calculation is requested. This
can be caused by a hardware error.
0 No such event.
1 Internal protocol error detected.
13
ILCF_IF
Illegal Protocol Configuration Interrupt Flag — This flag is set when the protocol engine has detected an
illegal protocol configuration parameter setting. In this case, the protocol engine goes into the POC:halt state
immediately.
The protocol engine checks the listen_timeout value programmed into the Protocol Configuration Register 14
(PCR14) and Protocol Configuration Register 15 (PCR15) when the CONFIG_COMPLETE command was sent
by the application via the Protocol Operation Control Register (POCR). If the value of listen_timeout is equal to
zero, the protocol configuration setting is considered as illegal.
0 No such event.
1 Illegal protocol configuration detected.
Table 3-16. GIFER Field Descriptions (Sheet 3 of 3)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com