Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

89734 Datasheet(PDF) 1 Page - Belden Inc.

No. de pieza 89734
Descripción Electrónicos  RS232/422 Low Cap, #24-12pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

89734 Datasheet(HTML) 1 Page - Belden Inc.

  89734 Datasheet HTML 1Page - Belden Inc. 89734 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 89734
RS232/422 Low Cap, #24-12pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
Product Description
Computer EIA RS-232/422, Digital Audio Cable, 12-Pair, 24 AWG stranded (7x32) tinned copper conductor, foam FEP insulation, individually shielded pairs
with Beldfoil® (100% coverage), 24 AWG stranded tinned copper drain wire, overall fluorocopolymer jacket, plenum rated
Technical Specifications
Product Overview
Suitable Applications:
extreme high temperature environments; RS-232 extended distance applications; RS-422 applications; computer communication; low voltage analog signals (4-20ma, 0-10v, ...);
low voltage digital control (24v, …); digital audio; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
12
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
FEP - Fluorinated Ethylene Propylene (Foam) 0.019 in (0.48 mm) 0.062 in (1.6 mm)
Western Electric Standard
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC each pair
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVDF - Polyvinylidene Fluoride 0.019 in (0.48 mm) 0.498 in (12.6 mm)
Overall Cable Diameter
(Nominal):
0.498 in (12.6 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Inner Shield DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other
(Conds + Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
28.8 Ohm/1000ft
16.19 Ohm/1000ft (53.12
Ohm/km)
13.5 pF/ft (44.3 pF/m)
22.5 pF/ft (73.8 pF/m)
100 Ohm
76%
1.96 Amps per Conductor
at 25ºC
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-40°C to +150°C
Bend Radius


Número de pieza similar - 89734

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Communications & Power ...
8973 CPI-8973 Datasheet
98Kb / 1P
RF Amplifier
logo
Altech corporation
8973.2 ALTECH-8973.2 Datasheet
85Kb / 2P
INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
8973.3 ALTECH-8973.3 Datasheet
85Kb / 2P
INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
Belden Inc.
89730 BELDEN-89730 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89730.0081000 BELDEN-89730.0081000 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
More results

Descripción similar - 89734

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
82729 BELDEN-82729 Datasheet
192Kb / 2P
RS232/422 Low Cap, #24-2pr, FFEP, Indiv. Foil, LS-PVC Jkt, CMP, 100Ω
04-27-2023
88103 BELDEN-88103 Datasheet
159Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
88106 BELDEN-88106 Datasheet
200Kb / 2P
RS232/422 Low Cap, #24-6pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
88109 BELDEN-88109 Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-9pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
05-05-2023
89705 BELDEN-89705 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-5pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
05-05-2023
89728 BELDEN-89728 Datasheet
209Kb / 2P
RS232/422 Low Cap, #24-4pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89729 BELDEN-89729 Datasheet
194Kb / 2P
RS-232/422 Low Cap, #24-2pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
89730 BELDEN-89730 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89731 BELDEN-89731 Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-6pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89732 BELDEN-89732 Datasheet
166Kb / 2P
RS232/422 Low Cap, #24-9pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com