| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FSFLK Datasheet(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FSFLK Datasheet(HTML) 31 Page - NXP Semiconductors |
|
31 / 37 page ![]() Freescale Sensor Fusion Library for Kinetis MCUs Freescale Semiconductor, Inc. 5.5 Orientation Static Drift 5.5.1 Intent The maximum change in orientation observed for a DUT remaining motionless for 100 seconds. 5.5.2 Procedure Setup as defined in Matlab Stimulus/Expected Response + Hardware post-process data. This metric must be associated with a specific hardware configuration similar to those defined in this document. Matlab is used to record and post 1. Precondition the DUT by executing magnetic calibration trajectory leaving DUT in a given orientation. 2. While the DUT remains in given orientation collect orientation samples for 120 seconds. 3. Plot and process the last 100 s of the test. Orientation static drift is the maximum angle change in the measured rotation vectors. 4. Repeat steps 1-3 for all 6 major orientations of the development board as shown in Figure 20 Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015 Orientation Static Drift The maximum change in orientation observed for a DUT remaining motionless for 100 seconds. Matlab Stimulus/Expected Response + Hardware-based Fusion tric must be associated with a specific hardware configuration similar to those defined . Matlab is used to record and post- process data. Precondition the DUT by executing magnetic calibration trajectory leaving DUT in a given While the DUT remains in given orientation collect orientation samples for 120 seconds. Plot and process the last 100 s of the test. Orientation static drift is the maximum angle change in 6 major orientations of the development board as shown in 20. Major orientations relative to gravity The maximum change in orientation observed for a DUT remaining motionless for 100 seconds. based Fusion. Matlab is used to tric must be associated with a specific hardware configuration similar to those defined in earlier Precondition the DUT by executing magnetic calibration trajectory leaving DUT in a given While the DUT remains in given orientation collect orientation samples for 120 seconds. Plot and process the last 100 s of the test. Orientation static drift is the maximum angle change in 6 major orientations of the development board as shown in Figure 20. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |